Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT22483 Datasheet(PDF) 2 Page - Datatronic Distribution, Inc.

Part # PT22483
Description  HIGH CURRENT INDUCTORS (OPEN TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT22483 Datasheet(HTML) 2 Page - Datatronic Distribution, Inc.

  PT22483 Datasheet HTML 1Page - Datatronic Distribution, Inc. PT22483 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PT224 Series
Page 2
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
D
T
Notes:
3.
All dimensions are shown in millimeters “mm” [inches “in”]
4.
General tolerance ±0,25mm [0.010 in.], unless otherwise specified
5.
Rated Current 5VRMS, 50kHz with temperature rise
6.
Full rated current based on an ambient operating temperature of +85
°C with a 45°C maximum temperature rise in free air,
all materials are rated at 155ºC or higher.
7.
For non-RoHS parts, replace PT prefix with 42- (e.g. PT12410 becomes 42-12410).
8.
Terminal finish is compliant to RoHS requirements
1
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com