Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT22483 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT22483
Description  HIGH CURRENT INDUCTORS (OPEN TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT22483 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT22483 Datasheet HTML 1Page - Datatronic Distribution, Inc. PT22483 Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
April 11, 2008
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
Part
Number
Inductance (1)
No DC
(µH) ±15%
Inductance (1)
Rated
Current
(µH) Typ.
Rated
Current
(AMPS DC)
Overall Dimensions
D x T IN (MM) Max
Wire Size
Dia IN (MM)
PT22401
PT22402
PT22403
200
665
30
160
50
23
1
2
3
Ø 0.790 (20) x 0.473 (12)
Ø 0.790 (20) x 0.473 (12)
Ø 0.790 (20) x 0.473 (12)
0.020 (0.5)
0.028 (0.7)
0.032 (0.8)
PT22411
PT22412
PT22413
PT22414
600
180
120
45
450
135
80
30
1
2
3
5
Ø 0.870 (22) x 0.512 (13)
Ø 0.870 (22) x 0.512 (13)
Ø 0.870 (22) x 0.512 (13)
Ø 0.870 (22) x 0.512 (13)
0.020 (0.5)
0.028 (0.7)
0.032 (0.8)
0.040 (1.0)
PT22421
PT22422
PT22423
PT22424
1000
500
130
90
800
330
100
55
1
2
3
5
Ø 1.024 (26) x 0.552 (14)
Ø 1.024 (26) x 0.552 (14)
Ø 1.024 (26) x 0.552 (14)
Ø 1.024 (26) x 0.552 (14)
0.020 (0.5)
0.028 (0.7)
0.032 (0.8)
0.040 (1.0)
PT22431
PT22432
PT22433
400
350
50
250
160
30
3
5
10
Ø 1.220 (31) x 0.473 (12)
Ø 1.260 (32) x 0.552 (14)
Ø 1.300 (33) x 0.591 (15)
0.032 (0.8)
0.040 (1.0)
0.044 1.1 x 2P
PT22441
PT22442
PT22443
PT22444
1500
300
210
45
950
230
140
30
2
3
5
10
Ø 1.260 (32) x 0.748 (19)
Ø 1.260 (32) x 0.709 (18)
Ø 1.300 (33) x 0.748 (19)
Ø 1.340 (34) x 0.788 (20)
0.028 (0.7)
0.032 (0.8)
0.040 (1.0)
0.063 (1.6)
PT22451
PT22452
PT22453
PT22454
700
600
180
20
500
330
95
14
3
5
10
20
Ø 1.500 (38) x 0.709 (18)
Ø 1.540 (39) x 0.748 (19)
Ø 1.620 (41) x 0.827 (21)
Ø 1.620 (41) x 0.788 (20)
0.032 (0.8)
0.040 (1.0)
0.063 (1.6)
0.071 1.8 x 2P
Note: (1) Measured at 0.5V, 20kHz.
224 SERIES LOW DC CURRENT INDUCTORS (OPEN TYPE)
Part
Number
Inductance (2)
No DC
(µH) ±15%
Inductance (2)
Rated
Current
(µH) Typ.
Rated (3)
Current
(AMPS DC)
Overall Dimensions
D x T IN (MM) Max
Wire Size
Dia IN (MM)
PT22461
PT22462
PT22463
PT22464
6000
2000
1500
500
490
155
85
35
1
2
3
5
Ø 0.790 (20) x 0.552 (14)
Ø 0.827 (21) x 0.591 (15)
Ø 0.827 (21) x 0.591 (15)
Ø 0.870 (22) x 0.591 (15)
0.020 (0.5)
0.028 (0.7)
0.032 (0.8)
0.040 (1.0)
PT22471
PT22472
PT22473
PT22474
12000
6000
1500
1000
900
350
130
65
1
2
3
5
Ø 0.945 (24) x 0.591 (15)
Ø 0.985 (25) x 0.591 (15)
Ø 0.985 (25) x 0.591 (15)
Ø 0.985 (25) x 0.591 (15)
0.020 (0.5)
0.028 (0.7)
0.032 (0.8)
0.040 (1.0)
PT22481
PT22482
PT22483
5000
5000
700
290
180
35
3
5
10
Ø 1.220 (31) x 0.670 (17)
Ø 1.260 (32) x 0.670 (17)
Ø 1.300 (33) x 0.788 (20)
0.032 (0.8)
0.040 (1.0)
0.063 (1.6)
Note: (2) Measured at 0.5V, 50kHz.
224 SERIES HIGH CURRENT INDUCTORS (OPEN TYPE)
Features
Designed for use in Switching Mode Power Supplies
Low Power Loss and Radiation Loss
Low Cost
Materials Meet UL94V-0
Operating Temp. -40°C to +130°C (note 4)
Tinned Leads with Leaded Solder is Available (note 7)
Electrical Specifications at 25°C


Similar Part No. - PT22483

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2248 PTC-PT2248 Datasheet
80Kb / 4P
Infrared Remote Control Transmitter????
PT2248 PTC-PT2248 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
PT2248-P PTC-PT2248-P Datasheet
80Kb / 4P
Infrared Remote Control Transmitter????
PT2248-S PTC-PT2248-S Datasheet
80Kb / 4P
Infrared Remote Control Transmitter????
PT2248-S PTC-PT2248-S Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results

Similar Description - PT22483

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-20451 RHOMBUS-IND-L-20451 Datasheet
35Kb / 1P
High Current Inductors
logo
Central Technologies
CTHRF CT-CTHRF Datasheet
162Kb / 1P
High Current Inductors
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
logo
ice Components, Ins.
LP05 ICE-LP05_08 Datasheet
148Kb / 1P
SMT High Current Inductors
LP08 ICE-LP08_08 Datasheet
181Kb / 1P
SMT High Current Inductors
logo
Bourns Electronic Solut...
2216-H BOURNS-2216-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2217-V BOURNS-2217-V Datasheet
111Kb / 1P
High Current Toroid Inductors
logo
TALEMA Group. LLC
HB-035-1150 TALEMA-HB-035-1150 Datasheet
332Kb / 3P
High Current Inductors
logo
Vishay Siliconix
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A Datasheet
345Kb / 5P
High Current Inductors
09-Dec-2020
IHLD-2525GG-5A VISHAY-IHLD-2525GG-5A_V01 Datasheet
316Kb / 5P
High Current Inductors
09-Dec-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com