Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAL16R6AMJB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PAL16R6AMJB
Description  STANDARD HIGH-SPEED PAL CIRCUITS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAL16R6AMJB Datasheet(HTML) 1 Page - Texas Instruments

  PAL16R6AMJB Datasheet HTML 1Page - Texas Instruments PAL16R6AMJB Datasheet HTML 2Page - Texas Instruments PAL16R6AMJB Datasheet HTML 3Page - Texas Instruments PAL16R6AMJB Datasheet HTML 4Page - Texas Instruments PAL16R6AMJB Datasheet HTML 5Page - Texas Instruments PAL16R6AMJB Datasheet HTML 6Page - Texas Instruments PAL16R6AMJB Datasheet HTML 7Page - Texas Instruments PAL16R6AMJB Datasheet HTML 8Page - Texas Instruments PAL16R6AMJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PAL16L8AM, PAL16L8A-2M, PAL16R4AM, PAL16R4A-2M
PAL16R6AM, PAL16R6A-2M, PAL16R8AM, PAL16R8A-2M
STANDARD HIGH-SPEED PAL® CIRCUITS
SRPS016 – D2705, FEBRUARY 1984 – REVISED MARCH 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1992, Texas Instruments Incorporated
1
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
• Choice of Operating Speeds
High-Speed, A Devices . . . 25 MHz Min
Half-Power, A-2 Devices . . . 16 MHz Min
• Choice of Input/Output Configuration
• Package Options Include Both Ceramic DIP
and Chip Carrier in Addition to Ceramic
Flat Package
DEVICE
I
INPUTS
3-STATE
O OUTPUTS
REGISTERED
Q OUTPUTS
I/O
PORT
S
PAL16L8
10
2
0
6
PAL16R4
8
0
4 (3-state buffers)
4
PAL16R6
8
0
6 (3-state buffers)
2
PAL16R8
8
0
8 (3-state buffers)
0
description
These programmable array logic devices feature
high speed and a choice of either standard or
half-power devices. They
combine Advanced
Low-Power Schottky technology with proven
titanium-tungsten fuses. These devices will
provide reliable, high-performance substitutes for
conventional
TTL
logic.
Their
easy
programmability allow for quick design of ”custom”
functions and typically results in a more compact
circuit board. In addition, chip carriers are
available for further reduction in board space.
The Half-Power versions offer a choice of
operating frequency, switching speeds, and
power
dissipation.
In
many
cases,
these
Half-Power devices can result in significant power
reduction from an overall system level.
The PAL16’ M series is characterized for
operation over the full military temperature range
of –55
°C to 125°C.
PAL is a registered trademark of Advanced Micro Devices Inc.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I
I
I
I
I
I
I
I
I
GND
VCC
O
I/O
I/O
I/O
I/O
I/O
I/O
O
I
PAL16L8’
J OR W PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
I/O
I/O
I/O
I/O
I/O
I
I
I
I
I
PAL16L8’
FK PACKAGE
(TOP VIEW)


Similar Part No. - PAL16R6AMJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PAL16R6AMJB TI2-PAL16R6AMJB Datasheet
833Kb / 22P
STANDARD HIGH-SPEED PAL) CIRCUITS
REVISED MARCH 1992
PAL16R6AMJB.A TI2-PAL16R6AMJB.A Datasheet
833Kb / 22P
STANDARD HIGH-SPEED PAL) CIRCUITS
REVISED MARCH 1992
More results

Similar Description - PAL16R6AMJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C Datasheet
287Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL16L8-15M TI-TIBPAL16L8-15M Datasheet
249Kb / 13P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-10C TI-TIBPAL20L8-10C Datasheet
292Kb / 24P
HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL20L8-15C TI-TIBPAL20L8-15C Datasheet
184Kb / 17P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-5C TI-TIBPAL20L8-5C Datasheet
439Kb / 35P
HIGH-PERFORMANCE IMPACT-X PAL CIRCUITS
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
HIGH-PERFORMANCE IMPACT PAL CIRCUITS
logo
National Semiconductor ...
PAL16P8 NSC-PAL16P8 Datasheet
508Kb / 13P
PROGRAMMABLE ARRAY LOGIC(PAL) HIGH SPEED PAL SERIES 20AP
logo
Texas Instruments
TIBPAL16L8-15C TI-TIBPAL16L8-15C_07 Datasheet
589Kb / 24P
HIGH-PERFORMANCE IMPACT E PAL) CIRCUITS
TIBPAL16L8-15C TI-TIBPAL16L8-15C_08 Datasheet
590Kb / 24P
HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL20L8-15C TI1-TIBPAL20L8-15C_15 Datasheet
396Kb / 24P
HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com