Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAL16R6AMJB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PAL16R6AMJB
Description  STANDARD HIGH-SPEED PAL CIRCUITS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAL16R6AMJB Datasheet(HTML) 14 Page - Texas Instruments

Back Button PAL16R6AMJB Datasheet HTML 10Page - Texas Instruments PAL16R6AMJB Datasheet HTML 11Page - Texas Instruments PAL16R6AMJB Datasheet HTML 12Page - Texas Instruments PAL16R6AMJB Datasheet HTML 13Page - Texas Instruments PAL16R6AMJB Datasheet HTML 14Page - Texas Instruments PAL16R6AMJB Datasheet HTML 15Page - Texas Instruments PAL16R6AMJB Datasheet HTML 16Page - Texas Instruments PAL16R6AMJB Datasheet HTML 17Page - Texas Instruments PAL16R6AMJB Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PAL16R6A-2MJB
ACTIVE
CDIP
J
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R6A-2MWB
ACTIVE
CFP
W
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R6AMFKB
ACTIVE
LCCC
FK
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R6AMJ
ACTIVE
CDIP
J
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R6AMJB
ACTIVE
CDIP
J
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R6AMWB
ACTIVE
CFP
W
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R8A-2MFKB
ACTIVE
LCCC
FK
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R8A-2MJ
ACTIVE
CDIP
J
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R8A-2MJB
ACTIVE
CDIP
J
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R8A-2MWB
ACTIVE
CFP
W
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R8AMFKB
ACTIVE
LCCC
FK
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R8AMJ
ACTIVE
CDIP
J
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R8AMJB
ACTIVE
CDIP
J
20
1
TBD
Call TI
N / A for Pkg Type
PAL16R8AMWB
ACTIVE
CFP
W
20
1
TBD
Call TI
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
12-Jan-2006
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com