Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN28835FS Datasheet(PDF) 11 Page - Texas Instruments

Part # SN28835FS
Description  1/2-INCH NTSC TIMER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28835FS Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN28835FS Datasheet HTML 7Page - Texas Instruments SN28835FS Datasheet HTML 8Page - Texas Instruments SN28835FS Datasheet HTML 9Page - Texas Instruments SN28835FS Datasheet HTML 10Page - Texas Instruments SN28835FS Datasheet HTML 11Page - Texas Instruments SN28835FS Datasheet HTML 12Page - Texas Instruments SN28835FS Datasheet HTML 13Page - Texas Instruments SN28835FS Datasheet HTML 14Page - Texas Instruments SN28835FS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SN28835
1/2-INCH NTSC TIMER
SOCS023B – FEBRUARY 1991
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
ABIN Timing at the Start of H
Horizontal
Scale†
CBLK
BCP1
ABIN
VD
ABIN Timing at the Start of V
1 MHz (always free running)
(130)
26
24
22
20
18
16
14
12
10
8
6
4
2
0
128
126
124
ABIN
(mode 0)
ABIN
(mode 1)
ABIN
(mode 2)
ABIN
(mode 3)
(modes 1
or 2)
† 130 intervals equal 63.55
µs equals one horizontal-scan line
NOTE: GPS is high (VD is connected to GP internally)
ANTIBLOOMING-MODE SELECTION
MODE‡
ABS1
ABS0
ABIN
0
L
L
Low
1
L
H
2-MHz burst
2
H
L
1-MHz burst
3
H
H
1-MHz free running
‡ In mode 2, the duty cycle is 43%; in all other modes, the duty cycle
is 50%.
Figure 7. Antiblooming Timing at Start of Horizontal Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com