Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN28835FS Datasheet(PDF) 12 Page - Texas Instruments

Part # SN28835FS
Description  1/2-INCH NTSC TIMER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28835FS Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN28835FS Datasheet HTML 8Page - Texas Instruments SN28835FS Datasheet HTML 9Page - Texas Instruments SN28835FS Datasheet HTML 10Page - Texas Instruments SN28835FS Datasheet HTML 11Page - Texas Instruments SN28835FS Datasheet HTML 12Page - Texas Instruments SN28835FS Datasheet HTML 13Page - Texas Instruments SN28835FS Datasheet HTML 14Page - Texas Instruments SN28835FS Datasheet HTML 15Page - Texas Instruments SN28835FS Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SN28835
1/2-INCH NTSC TIMER
SOCS023B – FEBRUARY 1991
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VSS
INLVL
+V
244
243
12
Odd
244
244
243
2
1
12
or 1024
244 or 256
2
1
244
243
2
1
(driver output)
DPI
ABIN
GT
PI
PS
T
VD
Vertical-Dump
Frequency
(3.58 MHz
or 2 MHz)
Even
Odd
Even
GP
Figure 8. PI, PS, T, and ABIN Timing
NOTES: A. When the vertical-dump frequency is 2 MHz (chosen by a low level on VDS), the duty cycle of T, PS, and
PI is 4/7 high and 3/7 low; the duty cycle is 50% for a vertical-dump frequency of 3.58 MHz.
B. When GPS is high, VD is connected internally to GP.
C. Neither SC nor SC(90) is used for the 3.58-MHz clock.
D. GP goes low when VD is low. PI, PS, T, and GT begin clocking after VD goes high.
E. The 90
° phase shift between T, PS, and PI pulses is equal to one 14-MHz crystal-oscillator clock period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com