Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C2V4 Datasheet(PDF) 2 Page - Dc Components

Part # BZX84C2V4
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

BZX84C2V4 Datasheet(HTML) 2 Page - Dc Components

  BZX84C2V4 Datasheet HTML 1Page - Dc Components BZX84C2V4 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Reverse
Leakage Current
IR @ VR
µA
Volts
Maximum Zener
Impedance
ZZT@IZT ZZT@IZK
Ohms
Ohms
BZX84C2V4
2.28
2.56
5
85
600
1
100
1.0
-0.075
-
W1
BZX84C2V7
2.5
2.9
5
83
500
1
75
1.0
-0.065
134
W2
BZX84C3V0
2.8
3.2
5
95
500
1
50
1.0
-0.060
118
W3
BZX84C3V3
3.1
3.5
5
95
500
1
25
1.0
-0.055
109
W4
BZX84C3V6
3.4
3.8
5
95
500
1
15
1.0
-0.055
100
W5
BZX84C3V9
3.7
4.1
5
95
500
1
10
1.0
-0.050
92
W6
BZX84C4V3
4.0
4.6
5
95
500
1
5
1.0
-0.035
84
W7
BZX84C4V7
4.4
5.0
5
78
500
1
5
1.0
-0.015
76
W8
BZX84C5V1
4.8
5.4
5
60
480
1
0.1
0.8
+0.005
67
W9
BZX84C5V6
5.2
6.0
5
40
400
1
0.1
1.0
+0.020
59
WA
BZX84C6V2
5.8
6.6
5
10
200
1
0.1
2.0
+0.030
54
WB
BZX84C6V8
6.4
7.2
5
8
150
1
0.1
3.0
+0.045
49
WC
BZX84C7V5
7.0
7.9
5
7
50
1
0.1
5.0
+0.050
44
WD
BZX84C8V2
7.7
8.7
5
7
50
1
0.1
6.0
+0.055
40
WE
BZX84C9V1
8.5
9.6
5
10
50
1
0.1
7.0
+0.065
36
WF
BZX84C10
9.4
10.6
5
15
70
1
0.1
7.5
+0.070
33
WG
BZX84C11
10.4
11.6
5
20
70
1
0.1
8.5
+0.075
30
WH
BZX84C12
11.4
12.7
5
20
90
1
0.1
9.0
+0.080
28
WI
BZX84C13
12.4
14.1
5
25
110
1
0.1
10
+0.080
25
WK
BZX84C15
13.8
15.6
5
30
110
1
0.1
11
+0.090
23
WL
BZX84C16
15.3
17.1
5
40
170
1
0.1
12
+0.090
20
WM
BZX84C18
16.8
19.1
5
50
170
1
0.1
14
+0.090
18
WN
BZX84C20
18.8
21.2
5
50
220
1
0.1
15
+0.090
17
WO
BZX84C22
20.8
23.3
5
55
220
1
0.1
17
+0.090
16
WP
BZX84C24
22.8
25.6
5
80
220
1
0.1
18
+0.090
13
WR
BZX84C27
25.1
28.9
2
80
250
1
0.1
20
+0.090
12
WS
BZX84C30
28
32
2
80
250
1
0.1
22.5
+0.090
10
WT
BZX84C33
31
35
2
80
250
1
0.1
25
+0.090
9
WU
BZX84C36
34
38
2
90
250
1
0.1
27
+0.090
9
WW
BZX84C39
37
41
2
90
300
1
0.1
29
+0.110
8
WX
Breakdown characteristics
BZX84-SERIES
mA
50
40
30
20
10
0
5V
10V
15V
20V
25V
30V
IZ
VZ
Nominal
Zener
Voltage
VZ@IZT
Min
Max
Zener
Test
Current
IZT
mA
IZK
mA
Typical
Temperature
Coefficient
% / oC
Test Current
IZ 5mA
changes in the power dissipation
due to the ambient temperature.
500
400
300
200
100
0
Ta(oC)
50
100
150
200
300
Ambient Temperature.
NOTE: Standard Zener Voltage Tolerance ± 5%
TYPE
Max.
Zener
Current
IZM@TA
mA
Marking
Code
RATING AND CHARACTERISTIC CURVES (BZX84C SERIES)
R
DC COMPONENTS CO., LTD.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com