Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C2V4 Datasheet (PDF) - Dc Components

BZX84C2V4 Datasheet PDF - Dc Components
Part # BZX84C2V4
Download  BZX84C2V4 Download
File Size   243.33 Kbytes
Page   2 Pages
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components
Description TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES

BZX84C2V4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C2V4 Datasheet PDF - Dc Components

Part # BZX84C2V4
Download  BZX84C2V4 Click to download

File Size   243.33 Kbytes
Page   2 Pages
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components
Description TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES

BZX84C2V4 Datasheet (HTML) - Dc Components


BZX84C2V4 Product details

FEATURES
* Voltage Range:2.4V to 39V
* Ideally Suited for Automated Assembly Process
* 410mW Power Dissipation




Similar Part No. - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BZX84C2V4 WTE-BZX84C2V4 Datasheet
56Kb / 4P
350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
61Kb / 4P
300mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 18 - 2
logo
Micro Commercial Compon...
BZX84C2V4 MCC-BZX84C2V4 Datasheet
126Kb / 4P
Silicon 410 mWatt Zener Diodes
logo
Central Semiconductor C...
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
120Kb / 2P
SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
BZX84C2V4 CENTRAL-BZX84C2V4 Datasheet
120Kb / 2P
surface mount silicon Zener diodes
More results


Similar Description - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
Dc Components
DLQ4148 DCCOM-DLQ4148 Datasheet
236Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES
BAS40 DCCOM-BAS40 Datasheet
75Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
BZT52C2V4 DCCOM-BZT52C2V4 Datasheet
233Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZT52C2V4S DCCOM-BZT52C2V4S Datasheet
246Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZX84C2V4W DCCOM-BZX84C2V4W Datasheet
238Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
MMBZ5221B DCCOM-MMBZ5221B Datasheet
244Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW DCCOM-MMBZ5221BW Datasheet
241Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMSZ5221B DCCOM-MMSZ5221B Datasheet
234Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com