Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2234 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # CS2234
Description  HIGH VOLTAGE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS2234 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  CS2234 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS2234 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2234 Series
HIGH VOLTAGE POWER SUPPLIES
3227 Skylane Drive
Carrollton, TX 75006
972-248-7691
www.hvpsi.com Rev.3
Specifications subject to change without prior notification
FEATURES
Non-Metallic Case
Cost Effective
Reliable Solid State Design
High Efficiency
Maintenance Free
Automatic Over Current Shutdown and Recovery
High Frequency Switch-mode Design
UL Recognized Versions Available
RoHS Versions Available
Formerly CS2234 Series
TYPICAL APPLICATIONS
Electrostatic Air Cleaners
Electrostatic Packaging and Sealing
DESCRIPTION
The 2234 series of unregulated solid state switching
power supplies is designed for applications requiring
a medium duty High Voltage power supply. Input
voltage: 120 VAC (±10%) 50/60 Hz. Connection for
"HV On" indicating LED provided via ¼” terminal.
The 2234 series is packaged in a nonmetallic
enclosure and may be installed in any position.
Consult factory for additional information.
TYPICAL ELECTRICAL
SPECIFICATIONS
Input Voltage: 120 VAC (±10%) 50/60 Hz
Output Voltage: 25 kVDC
Output Current: 400 µA Typical
Output Power: 10 W Max
Output Regulation: See Typical V-I Curve
Load: May be operated into any load
condition (capacitive, resistive or inductive) or
no load. Can withstand arcing and short
circuits.
Isolated Output; High Voltage referenced to
Earth Ground
TYPICAL MECHANICAL
SPECIFICATIONS
Case: Glass Filled Noryl, UL 94V-1 Rated
Encapsulant: Filled Epoxy, UL 94V-0 Rated
Input Voltage Termination: ¼" black insulated
terminals
"HV On" Indicating Light Termination: ¼"
black insulated terminal
High Voltage Wire: 22 AWG, 30 KVDC,
UL Style 3239, 105ºC
Temperature Rating:
Operating 0º to +60ºC
Storage -40º to +85ºC
NOTICE: This power supply requires adequate
ground connection for operation. Failure to
provide ground could result in failure of the
power supply. Proper ground connections must
be made to input terminal on non-metallic case.


Similar Part No. - CS2234

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS223-2M CENTRAL-CS223-2M Datasheet
72Kb / 2P
2.0 AMP SCR 600 THRU 800 VOLTS
CS223-2M CENTRAL-CS223-2M Datasheet
370Kb / 2P
SURFACE MOUNT 2 AMP SILICON SCR 600 THRU 800 VOLTS
CS223-2M CENTRAL-CS223-2M Datasheet
285Kb / 3P
SURFACE MOUNT SILICON CONTROLLED RECTIFIERS
CS223-2M CENTRAL-CS223-2M_10 Datasheet
370Kb / 2P
SURFACE MOUNT 2 AMP SILICON SCR 600 THRU 800 VOLTS
CS223-2N CENTRAL-CS223-2N Datasheet
72Kb / 2P
2.0 AMP SCR 600 THRU 800 VOLTS
More results

Similar Description - CS2234

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
High Voltage Power Supplies
logo
TDK Electronics
152A-4KV-NEG TDK-152A-4KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-1KV-POS TDK-102A-1KV-POS Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-5KV-NEG TDK-102A-5KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-20KV-POS TDK-102A-20KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-30KV-NEG TDK-102A-30KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-6KV-POS TDK-102A-6KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
152A-2KV-NEG TDK-152A-2KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com