Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2234 Datasheet(PDF) 2 Page - High Voltage Power Solutions, Inc.

Part # CS2234
Description  HIGH VOLTAGE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS2234 Datasheet(HTML) 2 Page - High Voltage Power Solutions, Inc.

  CS2234 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS2234 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2234 Series
HIGH VOLTAGE POWER SUPPLIES
3227 Skylane Drive
Carrollton, TX 75006
972-248-7691
www.hvpsi.com Rev.3
Specifications subject to change without prior notification
Input
Model
Input
Voltage
Input
Frequency
Output
Voltage
Typical Output
Current
ACN2234L25
120 VAC
50 / 60 Hz
25 kVDC neg
400 µA
ACP2234L25
120 VAC
50 / 60 Hz
25 kVDC pos
400 µA
Formerly CS2234 Series
2234 SERIES TYPICAL V-I OUTPUT CURVE
(Input 120VAC)
0
5
10
15
20
25
30
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Iout (mA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com