Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2422 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # CS2422
Description  HIGH VOLTAGE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS2422 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  CS2422 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS2422 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2422 Series
HIGH VOLTAGE POWER SUPPLIES
3227 Skylane Drive
Carrollton, TX 75006
972-248-7691
www.hvpsi.com Rev.1
Specifications subject to change without prior notification
FEATURES
Metal Case
Cost Effective
Reliable Solid State Design
Maintenance Free
Automatic recovery, self restoring
High Frequency Switch-mode Design
UL Version Available
RoHS Version Available
Formerly CS2422 Series
TYPICAL APPLICATIONS
Electrostatic Air Cleaners
Electrostatic Oil Cleaners
DESCRIPTION
The 2422 series of regulated solid state switching
power
supplies
is
designed
for
applications
requiring a medium duty high Voltage power
supply. Input is 120 VAC (±10%), 50/60 Hz. Dual
output standard (separate ionizer and collector
connectors ). Connection for a "HV On" indicating
LED is provided.
The 2422 series is packaged in a metal enclosure
and may be installed in any position.
Custom
models are available. Some models are certified UL
Recognized. Consult factory for additional
information.
TYPICAL ELECTRICAL
SPECIFICATIONS
FOR A STANDARD MODEL
Input Voltage: 120 VAC (± 10%) 50/60 Hz
Output Voltage: 10 kVDC
Output Current: 3.3 mA Max. Operating
Output Power: 75 W Max
Output Regulation: See Typical V-I Curve
Load: May be operated into any load condition
(capacitive, resistive or inductive) or no load.
Can withstand arcing and short circuits.
Isolated Output; High Voltage referenced to
Earth Ground
TYPICAL MECHANICAL
SPECIFICATIONS
Case: Metal
Input Voltage Termination:
¼" black insulated terminals
"HV On" Indicating Light Termination:
¼" insulated terminals for LED
High Voltage Termination:
¼" red insulated terminals
Earth Ground: #8-32 screw
Temperature Rating:
Operating 0º to +60ºC
Storage -40º to +85ºC
NOTICE: This power supply requires adequate
ground connection for operation.
Failure to
provide ground could result in failure of the
power supply.
Proper ground connections
must be made to #8-32 ground screw on the
metal case.


Similar Part No. - CS2422

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CS242410 HAMMOND-CS242410 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS24244 HAMMOND-CS24244 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS24246 HAMMOND-CS24246 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS24248 HAMMOND-CS24248 Datasheet
115Kb / 3P
Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
More results

Similar Description - CS2422

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
ACN2132L8 HVPSI-ACN2132L8 Datasheet
56Kb / 2P
HIGH VOLTAGE POWER SUPPLIES
ACN2234L25 HVPSI-ACN2234L25_15 Datasheet
515Kb / 2P
High Voltage Power Supplies
ACN2422L10 HVPSI-ACN2422L10_15 Datasheet
608Kb / 2P
High Voltage Power Supplies
logo
TDK Electronics
152A-4KV-NEG TDK-152A-4KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-1KV-POS TDK-102A-1KV-POS Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-5KV-NEG TDK-102A-5KV-NEG Datasheet
209Kb / 1P
High Voltage Power Supplies
102A-20KV-POS TDK-102A-20KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-30KV-NEG TDK-102A-30KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
102A-6KV-POS TDK-102A-6KV-POS Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
152A-2KV-NEG TDK-152A-2KV-NEG Datasheet
210Kb / 2P
High Voltage Power Supplies
April 07, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com