Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2422 Datasheet(PDF) 2 Page - High Voltage Power Solutions, Inc.

Part # CS2422
Description  HIGH VOLTAGE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

CS2422 Datasheet(HTML) 2 Page - High Voltage Power Solutions, Inc.

  CS2422 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. CS2422 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2422 Series
HIGH VOLTAGE POWER SUPPLIES
3227 Skylane Drive
Carrollton, TX 75006
972-248-7691
www.hvpsi.com Rev.3
Specifications subject to change without prior notification
STANDARD
MODELS
INPUT
VOLTAGE
VAC
INPUT
FREQ.
Hz
MAX
IONIZER
VOLTAGE
kV DC
MAX
COLLECTOR
VOLTAGE
kV DC
MAX
OUTPUT
CURRENT
mA DC
ACN2422L10
120
50/60
10 kVDC Neg
5.0 kVDC Neg
3.3
ACP2422L10
120
50/60
10 kVDC Pos
5.0 kVDC Pos
3.3
Formerly CS2422 Series
2422 SERIES TYPICAL PERFORMANCE CHARACTERISTIC
OUTPUT VOLTAGE vs OUTPUT CURRENT
Input V = 120 VAC
0
1
2
3
4
5
6
7
8
9
10
11
12
01
234
OUTPUT CURRENT, mADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com