Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1C20F Datasheet(PDF) 79 Page - Altera Corporation

Part # EP1C20F
Description  Cyclone FPGA Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C20F Datasheet(HTML) 79 Page - Altera Corporation

Back Button EP1C20F Datasheet HTML 75Page - Altera Corporation EP1C20F Datasheet HTML 76Page - Altera Corporation EP1C20F Datasheet HTML 77Page - Altera Corporation EP1C20F Datasheet HTML 78Page - Altera Corporation EP1C20F Datasheet HTML 79Page - Altera Corporation EP1C20F Datasheet HTML 80Page - Altera Corporation EP1C20F Datasheet HTML 81Page - Altera Corporation EP1C20F Datasheet HTML 82Page - Altera Corporation EP1C20F Datasheet HTML 83Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 106 page
background image
Altera Corporation
4–9
May 2008
Preliminary
Timing Model
Typically, the user-mode current during device operation is lower than
the power-up current in Table 4–17. Altera recommends using the
Cyclone Power Calculator, available on the Altera web site, to estimate
the user-mode ICCINT consumption and then select power supplies or
regulators based on the higher value.
Timing Model
The DirectDrive technology and MultiTrack interconnect ensure
predictable performance, accurate simulation, and accurate timing
analysis across all Cyclone device densities and speed grades. This
section describes and specifies the performance, internal, external, and
PLL timing specifications.
All specifications are representative of worst-case supply voltage and
junction temperature conditions.
Preliminary and Final Timing
Timing models can have either preliminary or final status. The
Quartus® II software issues an informational message during the design
compilation if the timing models are preliminary. Table 4–18 shows the
status of the Cyclone device timing models.
Preliminary status means the timing model is subject to change. Initially,
timing numbers are created using simulation results, process data, and
other known parameters. These tests are used to make the preliminary
numbers as close to the actual timing parameters as possible.
Final timing numbers are based on actual device operation and testing.
These numbers reflect the actual performance of the device under
worst-case voltage and junction temperature conditions.
Table 4–18. Cyclone Device Timing Model Status
Device
Preliminary
Final
EP1C3
—
v
EP1C4
—
v
EP1C6
—
v
EP1C12
—
v
EP1C20
—
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com