Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1C20F Datasheet(PDF) 86 Page - Altera Corporation

Part # EP1C20F
Description  Cyclone FPGA Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C20F Datasheet(HTML) 86 Page - Altera Corporation

Back Button EP1C20F Datasheet HTML 82Page - Altera Corporation EP1C20F Datasheet HTML 83Page - Altera Corporation EP1C20F Datasheet HTML 84Page - Altera Corporation EP1C20F Datasheet HTML 85Page - Altera Corporation EP1C20F Datasheet HTML 86Page - Altera Corporation EP1C20F Datasheet HTML 87Page - Altera Corporation EP1C20F Datasheet HTML 88Page - Altera Corporation EP1C20F Datasheet HTML 89Page - Altera Corporation EP1C20F Datasheet HTML 90Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 106 page
background image
4–16
Altera Corporation
Preliminary
May 2008
Cyclone Device Handbook, Volume 1
Figure 4–2. External Timing in Cyclone Devices
All external I/O timing parameters shown are for 3.3-V LVTTL I/O
standard with the maximum current strength and fast slew rate. For
external I/O timing using standards other than LVTTL or for different
current strengths, use the I/O standard input and output delay adders in
Tables 4–40 through 4–44.
Table 4–29 shows the external I/O timing parameters when using global
clock networks.
PRN
CLRN
DQ
PRN
CLRN
DQ
PRN
CLRN
DQ
Dedicated
Clock
Bidirectional
Pin
Output Register
Input Register
OE Register
tXZ
tZX
tINSU
tINH
tOUTCO
Table 4–29. Cyclone Global Clock External I/O Timing Parameters
Notes (1), (2) (Part 1 of 2)
Symbol
Parameter
Conditions
tINSU
Setup time for input or bidirectional pin using IOE input
register with global clock fed by
CLK pin
—
tINH
Hold time for input or bidirectional pin using IOE input
register with global clock fed by
CLK pin
—
tOUTCO
Clock-to-output delay output or bidirectional pin using IOE
output register with global clock fed by
CLK pin
CLOAD = 10 pF
tINSUPLL
Setup time for input or bidirectional pin using IOE input
register with global clock fed by Enhanced PLL with default
phase setting
—
tINHPLL
Hold time for input or bidirectional pin using IOE input
register with global clock fed by enhanced PLL with default
phase setting
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com