Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC321 Datasheet(PDF) 8 Page - Altera Corporation

Part # HC321
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC321 Datasheet(HTML) 8 Page - Altera Corporation

Back Button HC321 Datasheet HTML 4Page - Altera Corporation HC321 Datasheet HTML 5Page - Altera Corporation HC321 Datasheet HTML 6Page - Altera Corporation HC321 Datasheet HTML 7Page - Altera Corporation HC321 Datasheet HTML 8Page - Altera Corporation HC321 Datasheet HTML 9Page - Altera Corporation HC321 Datasheet HTML 10Page - Altera Corporation HC321 Datasheet HTML 11Page - Altera Corporation HC321 Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
1–6
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
Electrical Characteristics
HardCopy III Device Handbook, Volume 3
© December 2008
Altera Corporation
The accuracy listed in Table 1–6 is valid at the time of calibration. If the voltage or
temperature changes, the termination resistance value varies. Table 1–7 lists the
resistance tolerance for HardCopy III on-chip termination.
Table 1–8 lists OCT variation with temperature and voltage after power-up
calibration. Use Table 1–8 and Equation 1–1 to determine OCT variation without
re-calibration.
1 Note that R
CAL is calibrated on-chip termination at power-up. ΔT and ΔV are
variations in temperature and voltage (VCCIO) at power-up.
50−Ω R
T 1.5
Internal parallel termination with calibration
(50-
Ω setting)
V
CCIO = 1.5 V
TBD
—
%
50−Ω R
S 1.2
Internal series termination with calibration
(50-
Ω setting)
V
CCIO = 1.2 V
TBD
—
%
50−Ω R
T 1.2
Internal parallel termination with calibration
(50-
Ω setting)
V
CCIO = 1.2 V
TBD
—
%
Notes to Table 1–6:
(1) OCT calibration accuracy is valid at the time of calibration only.
(2) Pending silicon characterization.
Table 1–6. HardCopy III On-Chip Termination Calibration Accuracy Specifications – Preliminary (Part 2 of 2) (Note 1)
Symbol
Description
Conditions
Calibration Accuracy
Unit
Commercial (2)
Industrial
Table 1–7. On-Chip Termination Resistance Tolerance Specification for I/Os – Preliminary (Note 1)
Symbol
Description
Resistance Tolerance
Unit
Commercial Max
Industrial Max
R
OCT_UNCAL
Internal series termination without calibration
TBD
—
%
R
OCT_CAL
Internal series termination with calibration
(2)
—%
Notes to Table 1–7:
(1) Pending silicon characterization.
(2) For resistance tolerance after power-up calibration, refer to Table 1–8.
Equation 1–1.
R
OCT
R
CAL 1
dR
dT
-------
ΔT dR
dV
-------
ΔV
×
+
×
+
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com