Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC321 Datasheet(PDF) 4 Page - Altera Corporation

Part # HC321
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC321 Datasheet(HTML) 4 Page - Altera Corporation

  HC321 Datasheet HTML 1Page - Altera Corporation HC321 Datasheet HTML 2Page - Altera Corporation HC321 Datasheet HTML 3Page - Altera Corporation HC321 Datasheet HTML 4Page - Altera Corporation HC321 Datasheet HTML 5Page - Altera Corporation HC321 Datasheet HTML 6Page - Altera Corporation HC321 Datasheet HTML 7Page - Altera Corporation HC321 Datasheet HTML 8Page - Altera Corporation HC321 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
1–2
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
Electrical Characteristics
HardCopy III Device Handbook, Volume 3
© December 2008
Altera Corporation
Maximum Allowed Overshoot and Undershoot Voltage
During transitions, input signals may overshoot to the voltage shown in Table 1–2 and
undershoot to –2.0 V for input currents less than 100 mA and periods shorter than
20 ns.
Table 1–2 lists the maximum allowed input overshoot voltage. The maximum allowed
overshoot duration is specified as the percentage of high time over the lifetime of the
device. A DC signal is equivalent to 100% duty cycle.
T
STG
Storage temperature (no bias)
–65
150
°C
Notes to Table 1–1:
(1) Supply voltage specifications apply to voltage readings taken at the device pins and not the power supply.
(2) In Stratix III devices, this power supply is also used for programmable power technology.
(3) In HardCopy III devices, this power supply is not used.
Table 1–1. HardCopy III Device Absolute Maximum Ratings – Preliminary (Part 2 of 2) (Note 1)
Symbol
Parameter
Minimum
Maximum
Unit
Table 1–2. Maximum Allowed Overshoot During Transitions – Preliminary
Symbol
Parameter
Condition
Overshoot
Duration as % of
High Time
Unit
Vi (AC)
AC Input Voltage
4100.000
%
4.05
79.330
%
4.1
46.270
%
4.15
27.030
%
4.2
15.800
%
4.25
9.240
%
4.3
5.410
%
4.35
3.160
%
4.4
1.850
%
4.45
1.080
%
4.5
0.630
%
4.55
0.370
%
4.6
0.220
%
4.65
0.130
%
4.7
0.074
%
4.75
0.043
%
4.8
0.025
%
4.85
0.015
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com