Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7644DEV Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # PE7644DEV
Description  PE76D Series 3.3 V PECL Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE7644DEV Datasheet(HTML) 2 Page - Pletronics, Inc.

  PE7644DEV Datasheet HTML 1Page - Pletronics, Inc. PE7644DEV Datasheet HTML 2Page - Pletronics, Inc. PE7644DEV Datasheet HTML 3Page - Pletronics, Inc. PE7644DEV Datasheet HTML 4Page - Pletronics, Inc. PE7644DEV Datasheet HTML 5Page - Pletronics, Inc. PE7644DEV Datasheet HTML 6Page - Pletronics, Inc. PE7644DEV Datasheet HTML 7Page - Pletronics, Inc. PE7644DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PE76D Series 3.3 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
2
Part Number:
PE76
45
D
E
V
-125.0M
-XX
Part Marking:
PLE
PE76D
FF.FFF M
C YMDXX
or
PE76DX
FF.FFF M
PLE XX
C YYWWXX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Frequency in MHz
Supply Voltage V
CC
V = 3.3V +
_ 10%
Optional Enhanced OTR
Blank = Temp. range -10 to +70
oC
E = Temp. range -40 to +85
oC
Series Model
Frequency Stability
45 = +
_ 50 ppm
44 = +
_ 25 ppm
20 = +
_ 20 ppm
Series Model
Marking Legend:
PLE = Pletronics
FF.FFF M = Frequency in MHz
YYWW or YWW or YMD = Date of Manufacture (year and week, or year-month-day)
All other marking is internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are
not identified from the marking. External packaging labels and packing list will correctly identify the
ordered Pletronics part number.
Codes for Date Code YMD
Code
6
7
8
9
0
1
2
Year
2006
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
13
14
15
16
17
18
19
20
21
22
23
24
Code
T
U
V
W
X
Y
Z
Day
25
26
27
28
29
30
31



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com