Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7644DEV Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # PE7644DEV
Description  PE76D Series 3.3 V PECL Clock Oscillators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE7644DEV Datasheet(HTML) 6 Page - Pletronics, Inc.

  PE7644DEV Datasheet HTML 1Page - Pletronics, Inc. PE7644DEV Datasheet HTML 2Page - Pletronics, Inc. PE7644DEV Datasheet HTML 3Page - Pletronics, Inc. PE7644DEV Datasheet HTML 4Page - Pletronics, Inc. PE7644DEV Datasheet HTML 5Page - Pletronics, Inc. PE7644DEV Datasheet HTML 6Page - Pletronics, Inc. PE7644DEV Datasheet HTML 7Page - Pletronics, Inc. PE7644DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PE76D Series 3.3 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25mm)
Electroless Nickel Plated
1 µinch (25 µm) typical
Label:
White Kapton with Black Letters
–or--
Blue Epoxy heat cure ink covering
top with laser marked lettering
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad 670 µinch (17 µm)
Nickel plated 118 µinch (3 µm)
Gold plated 0.8 µinch (0.02 µm)
Typical thicknesses
Pin 3 Ground plane is typical
Not to scale
A
0.351 +
_0.003
8.91 +
_0.07
B
0.356 +
_0.005
9.04 +
_0.13
C
0.103 +
_0.005
2.62 +
_0.13
D
1
0.324
8.23
E
1
0.316
8.03
F
1
0.050
1.27
G
1
0.040
1.02
H
1
0.059
1.50
I
1
0.020
0.51
J
1
0.040
1.02
K
1
0.100
2.54
L
1
0.026 typical
0.66
The package is not hermetically sealed (the crystal unit inside is hermetically sealed).
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus
minimizing the accumulation of contaminants during cleaning processes.
The internal part of the package must be thoroughly dry before operating.
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is <0.30 volts, the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
2
No connect
There is no internal connection to this pad
3
Ground (GND)
4
Output
Both outputs must be terminated and biased for proper operation. The ideal
termination is 50 ohms connected to 2.0V below the Supply Voltage.
5
Output*
6
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com