Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8844DEV Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # PE8844DEV
Description  PE88D Single Frequency PECL Clock Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE8844DEV Datasheet(HTML) 6 Page - Pletronics, Inc.

  PE8844DEV Datasheet HTML 1Page - Pletronics, Inc. PE8844DEV Datasheet HTML 2Page - Pletronics, Inc. PE8844DEV Datasheet HTML 3Page - Pletronics, Inc. PE8844DEV Datasheet HTML 4Page - Pletronics, Inc. PE8844DEV Datasheet HTML 5Page - Pletronics, Inc. PE8844DEV Datasheet HTML 6Page - Pletronics, Inc. PE8844DEV Datasheet HTML 7Page - Pletronics, Inc. PE8844DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PE88D Dual Frequency
PECL Clock Oscillator
April 2007
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.276 +_0.006
7.00 +_0.15
B
0.197 +_0.006
5.00 +_0.15
C
0.067 max
1.70 max
D1
0.038
0.96
E1
0.200
5.08
F1
0.004
0.10
G1
0.050
1.27
H1
0.055
1.40
Contacts
:
Gold 11.8 μinches
0.3 μm minimum over
Nickel 50 to 350 μinches
1.27 to 8.89 μm
1 Typical dimensions
Not to Scale
I1
0.024
0.60
J1
0.004R
0.10R
K1
0.008R
0.20R
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is <0.30 volts, the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
2
F Select
Logic High: 106.25 MHz, Logic Low: 212.50 MHz
3
Ground (GND)
4
Output
Both outputs must be terminated and biased for proper operation. The ideal
termination is 50 ohms connected to 2.0V below the positive Supply Voltage.
5
Output*
6
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com