Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE8844DEV Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # PE8844DEV
Description  PE88D Single Frequency PECL Clock Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE8844DEV Datasheet(HTML) 1 Page - Pletronics, Inc.

  PE8844DEV Datasheet HTML 1Page - Pletronics, Inc. PE8844DEV Datasheet HTML 2Page - Pletronics, Inc. PE8844DEV Datasheet HTML 3Page - Pletronics, Inc. PE8844DEV Datasheet HTML 4Page - Pletronics, Inc. PE8844DEV Datasheet HTML 5Page - Pletronics, Inc. PE8844DEV Datasheet HTML 6Page - Pletronics, Inc. PE8844DEV Datasheet HTML 7Page - Pletronics, Inc. PE8844DEV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2007, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
PE88D Dual Frequency
PECL Clock Oscillator
April 2007
• Pletronics’ PE88D Series is a quartz crystal
controlled precision square wave generator with a
PECL output.
• The package is designed for high density surface
mount designs.
• Low cost mass produced oscillator.
• Tape and Reel or cut tape packaging is available.
• 106.25 MHz or 212.5 MHz may be selected
thru
Pad 2 (see page 6)
• 5 x 7 mm LCC Ceramic Package
• Enable/Disable Function on pad 1
• Vcc of 3.3 volts
• Low Jitter
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.16 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +7.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155oC
The thermal resistance junction to board is 30 to 50oC/Watt, depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - PE8844DEV

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE88D1000 PASTERNACK-PE88D1000 Datasheet
486Kb / 7P
Frequency Dividers Technical Data Sheet
PE88D2000 PASTERNACK-PE88D2000 Datasheet
495Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88D4000 PASTERNACK-PE88D4000 Datasheet
492Kb / 7P
Frequency Multipliers Technical Data Sheet
PE88D5000 PASTERNACK-PE88D5000 Datasheet
355Kb / 6P
Frequency Multipliers Technical Data Sheet
PE88D8000 PASTERNACK-PE88D8000 Datasheet
494Kb / 7P
Frequency Multipliers Technical Data Sheet
More results

Similar Description - PE8844DEV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2213 CYPRESS-CY2213 Datasheet
103Kb / 10P
High-Frequency Programmable PECL Clock Generator
CY2XP304 CYPRESS-CY2XP304 Datasheet
249Kb / 11P
High-Frequency Programmable PECL Clock Generation Module
logo
Raltron Electronics Cor...
CS9 RALTRON-CS9 Datasheet
55Kb / 3P
CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
MTRONPTI
M4S MTRONPTI-M4S Datasheet
210Kb / 1P
9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M4S MTRONPTI-M4S_07 Datasheet
191Kb / 1P
9x14 mm, 5.0 Volt, PECL, Clock Oscillator
logo
Cypress Semiconductor
CY2XP306 CYPRESS-CY2XP306 Datasheet
218Kb / 9P
High-frequency Programmable PECL Clock Generation Module
logo
Crystek Corporation
CCP-033 CRYSTEKCRYSTAL-CCP-033 Datasheet
109Kb / 1P
14 Pin Dip, 3.3V, PECL PECL Clock Oscillator
CCP-050 CRYSTEKCRYSTAL-CCP-050 Datasheet
108Kb / 1P
14 Pin Dip, 5V, PECL PECL Clock Oscillator
logo
Connor-Winfield Corpora...
P234-155.52 CONNOR-WINFIELD-P234-155.52 Datasheet
153Kb / 2P
High Frequency Clock Oscillator
logo
Cypress Semiconductor
CY2213 CYPRESS-CY2213_12 Datasheet
496Kb / 16P
High Frequency Programmable PECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com