Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA159 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # BA159
Description  FAST RECOVER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

BA159 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  BA159 Datasheet HTML 1Page - MIC GROUP RECTIFIERS BA159 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FAST RECOVER RECTIFIER
VOLTAGE RANGE
400 to 1000 Volts
BA157 THRU BA159
CURRENT
1.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1.2
1.0
0.2
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
60
20
10
j
T =100
° C
CHARACTERISTICS
8
2
30
20
10
1
0
100
NUMBER OF CYCLES AT 60 Hz
8.3m s Single Half Sine-Wave
(JEDEC M ethod) Tj=Tjmax
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
0.8
0.6
50
0.4
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
10
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, (
° C)
j
T =25
° C
80
40
60
100
10
1.0
20
0.1
0
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
100
1.4
Tj =25
° C
1.2
1.0
0.8
0.6
1% Duty Cycle
Pulse Width=300us
1.0
0.1
0.01
100
10
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
10
1.0
0.1
1
REVERSE VOLTAGE,(V)
TJ=25
° C F=1MHz
1.6
1.8
2.0
140
120
0.375"(9.5mm) Lead Length
40
6
4
80
20
Vsig=50mVp-p
RATING AND CHRACTERISTIC CURVES BA157 THRU BA159
FIG.6-TEST CIRCUIT DIAGRAM AND
REVERSE REXOVERY TIME CHARACTERISTIC
NOTE: 1.Rise Time =7ns max.Input Impedance=1megohm.22pF
2.Rise time=10ns max.Source Impedance=50 ohms
SET TIME BASE FOR
50 /100NS /cm
-1.0A
0.25A
0
+0.5A
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATIOR
(NOTE 2)
(-)
1Ω
NON
INDUCTIVE
10Ω
NONINDUCTIVE
50Ω
N ONINDUCTIVE
D.U.T
(-)
(approx)
25 Vdc
(+)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com