Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA159 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # BA159
Description  FAST RECOVER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

BA159 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  BA159 Datasheet HTML 1Page - MIC GROUP RECTIFIERS BA159 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVER RECTIFIER
VOLTAGE RANGE
400 to 1000 Volts
BA157 THRU BA159
CURRENT
1.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
•
Low coat construction
•
Fast switching for high efficency.
•
Low reverse leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-O rate flame retardant
•
Polarity: Color band denotes cathode end
•
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
•
Mounting position: Any
•
Weight: 0.012 ounce, 0.33 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
BA157
BA158
BA159
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
400
600
1000
Volts
Maximum RMS Voltage
VRMS
280
420
700
Volts
Maximum DC Blocking Voltage
VDC
400
600
1000
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 75℃
I(AV)
1.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
30
Amps
Maximum Instantaneous Forward Voltage @ 1.0A
VF
1.3
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 100℃
IR
100
µA
Maximum Reverse Recovery Time (Note 3) TJ=25℃
trr
150
250
500
ns
Typical Junction Capacitance (Note 1)
CJ
15
pF
Typical Thermal Resistance (Note 2)
RθJA
50
℃
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
℃
Storage Temperature Range
TSTG
(-55 to +150)
℃
Notes:
1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits.
2 Thermal Resistance from junction to Ambient at .375”(9.5mm)lead length, P.C.board mounted.
3.Reverse Recovery Test Conditions:If=0.5A,Ir=1.0A,Irr=0.25A
Dimensions in inches and (millimeters)
DIA.
.034(0.9)
.028(0.7)
DIA.
.107(2.7)
.080(2.0)
.205(5.2)
.160(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DO-41


Similar Part No. - BA159

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BA159 PANJIT-BA159 Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
BA159 TRSYS-BA159 Datasheet
146Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
BA159 WTE-BA159 Datasheet
48Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Semtech Corporation
BA159 SEMTECH-BA159 Datasheet
198Kb / 4P
FAST SIKICON RECTIFIERS
logo
Bytes
BA159 BYTES-BA159 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BA159

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BY296 MIC-BY296 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR151 MIC-FR151 Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
FR251 MIC-FR251 Datasheet
49Kb / 2P
FAST RECOVER RECTIFIER
FR601S MIC-FR601S Datasheet
50Kb / 2P
FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
FAST RECOVER RECTIFIER
BY296 PFS-BY296 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR151 PFS-FR151 Datasheet
164Kb / 2P
FAST RECOVER RECTIFIER
FR301 PFS-FR301 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
FR601 PFS-FR601 Datasheet
163Kb / 2P
FAST RECOVER RECTIFIER
1N4942 PFS-1N4942 Datasheet
169Kb / 2P
FAST RECOVER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com