Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDFS1B Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # EDFS1B
Description  SURFACE MOUNT FAST RECOVERY BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

EDFS1B Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  EDFS1B Datasheet HTML 1Page - MIC GROUP RECTIFIERS EDFS1B Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT FAST RECOVERY BRIDGE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 200 Volts
EDFS1A THRU EDFS1D
CURRENT
1.0 Ampere
RATINGS AND CHARACTERISTIC CURVES EDFS1A THRU EDFS1D
IPK / IAV=20
IPK / IAV=10
=5.0
AV
/ I
PK
I
Loads
Capacitive
Copper pads
0.51 ×0.51"(13×13mm)
or Inductive Load
IPK/IAV=πResistive
25
20
10
5.0
200
0
15
30
0.1
100
10
1
1000
100
80
60
40
20
0
0.1
10
100
1
1.2
1.0
0.8
0.6
1.4
0.1
1
10
0.4
0.01
100
10
1
0
10
20
30
40
50
60
0
0.25
0.5
1.0
0.75
140
120
100
80
60
40
20
160
REVRESE VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,
(
%)
INSTANTANEOUS FORWARD VOLTAGE,(V)
NUMBER OF CYCLES AT 60 Hz
AMBIENT TEMPERATURE, ℃
FIG. 5- TYPICAL JUNCTION CAPACITANCE PER LEG
FIG. 4- TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
PER LEG
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
FIG. 2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
RECTIFIED CURRENT
FIG. 1- DERATING CURVES OUTPUT
1 CYCLE
Vsig=50mVp-p
f=1.0MHz
j
T =25℃
T =25℃
j
PULSE WIDTH=300μs
1% DUTY CYCLE
T =25℃
j
T =125℃
j
T =150℃
J
Single Sine-Wave
(
JEDEC Method)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com