Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDFS1B Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # EDFS1B
Description  SURFACE MOUNT FAST RECOVERY BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

EDFS1B Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  EDFS1B Datasheet HTML 1Page - MIC GROUP RECTIFIERS EDFS1B Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT FAST RECOVERY BRIDGE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 200 Volts
EDFS1A THRU EDFS1D
CURRENT
1.0 Ampere
FEATURES
•
Glass passivated chip junction
•
Superfast recovery times for high efficiency
•
Ideal for surface mounted applications
•
Low leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 seconds at terminals
MECHANICAL DATA
•
Case: Molded plastic body
•
Epoxy: UL94V-0 rate flame retardant
•
Polarity: Molded on body
•
Leadp: Plated terminals solderable per MIL-STD-202E
method 208C
•
Weight: 0.04 ounce, 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
EDFS1A
EDFS1B
EDFS1C
EDFS1D
UNIT
Maximum Reverse Peak Repetitive Voltage
VRRM
50
100
150
200
Volts
Maximum RMS Voltage
VRMS
35
70
106
140
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
Volts
Maximum Average Forward Rectified Output
Current, 0.06”(1.5mm) lead length at TA=40℃
(Note 2)
I(AV)
1.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC Method)
IFSM
50
Amps
Rating for Fusing (t<8.3ms)
I
2t
10
A
2s
Maximum Instantaneous Forward Voltage drop
Per Bridge element 1.0A
VF
1.05
Volts
TA=25℃
5.0
µAmps
Maximum Reverse Current at rated
DC blocking voltage per element
TA=125℃
IR
0.5
mAmps
Maximum Reverse Recovery Time (Note 1)
Trr
50
nS
Typical Junction Capacitance (Note 3)
CJ
25
pF
Typical Thermal Resistance (Note 2)
RΘJA
40
℃/W
Operating and Storage Temperature Range
TJ ,TSTG
(-55 to +150)
℃
Notes: 1. Test condition: If=0.5A, Ir=1.0A,IRR=0.25A
2.Unit mounted on P.C.B. with 0.51”×0.51” ( 13×13mm) copper pads.
3. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
Dimensions in inches and (millimeters)
DFS
O
45
.115 (2.9)
.135 (3.4)
0.320 (8.13)
0.335 (8.51)
0.040 (1.02)
0.047 (1.20)
0.009 (0.241)
0.013 (0.330)
0.003 (0.076)
0.013 (0.330)
0.040 (1.016)
0.060 (1.524)
0.245 (6.2)
0.255 (6.5)
0.386 (9.80)
0.404 (10.3)
0.195 (5.0)
0.205 (5.2)
-
--
+


Similar Part No. - EDFS1B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EDF-2 MACOM-EDF-2 Datasheet
78Kb / 3P
E-Series Diplexer 5-1000 MHz
EDF-2E MACOM-EDF-2E Datasheet
77Kb / 3P
E-Series Diplexer 5-1000 MHz
logo
General Semiconductor
EDF1AM GE-EDF1AM Datasheet
36Kb / 2P
MINIATURE GLASS PASSIVATED FAST EFFICIENT BRIDGE RECTIFIER
logo
Vishay Siliconix
EDF1AM VISHAY-EDF1AM Datasheet
95Kb / 4P
Miniature Glass Passivated Ultrafast Bridge Rectifier
14-Jan-08
EDF1AM VISHAY-EDF1AM Datasheet
89Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
03-Sep-2020
More results

Similar Description - EDFS1B

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
RDFS005 MIC-RDFS005 Datasheet
56Kb / 2P
SURFACE MOUNT FAST RECOVERY BRIDGE
logo
RFE international
ES3A RFE-ES3A Datasheet
111Kb / 1P
SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
logo
Zibo Seno Electronic En...
RABS05 ZSELEC-RABS05 Datasheet
136Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS205 ZSELEC-RABS205 Datasheet
136Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RABS1505 ZSELEC-RABS1505 Datasheet
136Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RMB05S ZSELEC-RMB05S Datasheet
137Kb / 2P
FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
RABS22 JUXING-RABS22 Datasheet
2Mb / 2P
SURFACE MOUNT FAST RECOVERY BRIDGE RECTIFIERS
logo
Diodes Incorporated
ABS20T1M DIODES-ABS20T1M Datasheet
451Kb / 5P
2A SURFACE MOUNT FAST RECOVERY BRIDGE RECTIFIER
March 2022 Rev. 2 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com