Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPH4LSC Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # RPH4LSC
Description  CIT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

RPH4LSC Datasheet(HTML) 1 Page - CIT Relay & Switch

  RPH4LSC Datasheet HTML 1Page - CIT Relay & Switch RPH4LSC Datasheet HTML 2Page - CIT Relay & Switch RPH4LSC Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.citswitch.com
page
123
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
100mA @ 30 VDC
Electrical Life
30,000 cycles typical
Contact Resistance
< 50 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1250Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-20
°C to 70°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
POM, UL94-HB
Housing
PBT, UL94-HB
Terminal Base
6/6 Nylon, UL94-HB
Contacts
Phosphor Bronze, Ag plated
Terminals
Brass, Ag plated
Chassis
Steel
Spring
Steel
Latching Pin
Steel
ORDERING INFORMATION
Series:
RPH
RPH
2
Number of Poles:
2 = DPDT
4 = 4PDT
6 = 6PDT
N
Switch Function:
N = Non-latching
L = Latching
P
Terminal Options:
P = PC Terminals
S = Snap-In PC Terminals
Mounting Options:
Blank = No Chassis (standard)
C = Mounting Chassis, Single Stage
Z = PC Mounting Bracket
C012
Caps:
Blank = No Cap
C01
C02
C03
C04
C05
Cap Colors:
** See Cap Options for color availability
DIMENSIONS - DPDT
SCHEMATIC & PC LAYOUT
RPH


Similar Part No. - RPH4LSC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RPH-1A-P-12-S ADAM-TECH-RPH-1A-P-12-S Datasheet
89Kb / 1P
SIGNAL RELAY
logo
Recom International Pow...
RPH-3.0 RECOM-RPH-3.0 Datasheet
868Kb / 7P
3 Amp ◊ Input: 4.5-55VDC ◊ 47 Pad QFN Package RPH-3.0 Series ◊ Power Module
Rev. 2-2024
logo
Vishay Siliconix
RPH100 VISHAY-RPH100 Datasheet
150Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
30-May-06
RPH100100K5VXXXB05E VISHAY-RPH100100K5VXXXB05E Datasheet
150Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
30-May-06
RPH100V10002JB VISHAY-RPH100V10002JB Datasheet
150Kb / 4P
Power Resistor for Mounting onto a Heatsink Thick Film Technology
30-May-06
More results

Similar Description - RPH4LSC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com