Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-V-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV20WS-V-GS08
Description  Small Signal Switching Diodes, High Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV20WS-V-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV20WS-V-GS08 Datasheet HTML 1Page - Vishay Siliconix BAV20WS-V-GS08 Datasheet HTML 2Page - Vishay Siliconix BAV20WS-V-GS08 Datasheet HTML 3Page - Vishay Siliconix BAV20WS-V-GS08 Datasheet HTML 4Page - Vishay Siliconix BAV20WS-V-GS08 Datasheet HTML 5Page - Vishay Siliconix BAV20WS-V-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BAV19WS-V/20WS-V/21WS-V
Document Number 85726
Rev. 1.4, 31-Jul-06
Vishay Semiconductors
www.vishay.com
1
20145
Small Signal Switching Diodes, High Voltage
Features
• Silicon Epitaxial Planar Diodes
• For general purpose
• These diodes are also available in other
case styles including: the DO35 case with the type
designation BAV19 - BAV21, the MiniMELF case
with the type designation BAV100 - BAV103, the
SOT23 case with the type designation BAS19 -
BAS21 and the SOD123 case with the type desig-
nation BAV19W-V - BAV21W-V
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD323 Plastic case
Weight: approx. 5.0 mg
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Part
Type differentiation
Ordering code
Type Marking
Remarks
BAV19WS-V
VR = 100 V
BAV19WS-V-GS18 or BAV19WS-V-GS08
A8
Tape and Reel
BAV20WS-V
VR = 150 V
BAV20WS-V-GS18 or BAV20WS-V-GS08
A9
Tape and Reel
BAV21WS-V
VR = 200 V
BAV21WS-V-GS18 or BAV21WS-V-GS08
AA
Tape and Reel
e3


Similar Part No. - BAV20WS-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV20WS-V-G VISHAY-BAV20WS-V-G Datasheet
79Kb / 4P
Small Signal Switching Diodes, High Voltage
16-May-12
More results

Similar Description - BAV20WS-V-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS19-V VISHAY-BAS19-V Datasheet
116Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
Small Signal Switching Diodes, High Voltage
07-Mar-06
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
Small Signal Switching Diodes, High Voltage
26-Nov-10
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
Small Signal Switching Diodes, High Voltage
13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
Small Signal Switching Diodes, High Voltage
22-Feb-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com