Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-V-GS08 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAV20WS-V-GS08
Description  Small Signal Switching Diodes, High Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV20WS-V-GS08 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAV20WS-V-GS08 Datasheet HTML 1Page - Vishay Siliconix BAV20WS-V-GS08 Datasheet HTML 2Page - Vishay Siliconix BAV20WS-V-GS08 Datasheet HTML 3Page - Vishay Siliconix BAV20WS-V-GS08 Datasheet HTML 4Page - Vishay Siliconix BAV20WS-V-GS08 Datasheet HTML 5Page - Vishay Siliconix BAV20WS-V-GS08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85726
Rev. 1.4, 31-Jul-06
BAV19WS-V/20WS-V/21WS-V
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads are kept at ambient temperature
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads are kept at ambient temperature
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Part
Symbol
Value
Unit
Continuous reverse voltage
BAV19WS-V
VR
100
V
BAV20WS-V
VR
150
V
BAV21WS-V
VR
200
V
Repetitive peak reverse voltage
BAV19WS-V
VRRM
120
V
BAV20WS-V
VRRM
200
V
BAV21WS-V
VRRM
250
V
Forward continuous current
Tamb = 25 °C
IF
2501)
mA
Rectified current (average) half
wave rectification with resist.
load
Tamb = 25 °C
IF(AV)
2001)
mA
Repetitive peak forward current
f
≥ 50 Hz, θ = 180 °,
Tamb = 25 °C
IFRM
6251)
mA
Surge forward current
t < 1 s, Tj = 25 °C
IFSM
1A
Power dissipation
Tamb = 25 °C
Ptot
2001)
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
RthJA
6501)
K/W
Junction temperature
Tj
1501)
°C
Storage temperature range
Tstg
- 65 to + 1501)
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1.00
V
IF = 200 mA
VF
1.25
V
Leakage current
VR = 100 V
BAV19WS-V
IR
100
nA
VR = 100 V, Tj = 100 °C
BAV19WS-V
IR
15
µA
VR = 150 V
BAV20WS-V
IR
100
nA
VR = 150 V, Tj = 100 °C
BAV20WS-V
IR
15
µA
VR = 200 V
BAV21WS-V
IR
100
nA
VR = 200 V, Tj = 100 °C
BAV21WS-V
IR
15
µA
Dynamic forward resistance
IF = 10 mA
rf
5
Ω
Diode capacitance
VR = 0, f = 1 MHz
CD
1.5
pF
Reverse recovery time
IF = 30 mA, IR = 30 mA,
Irr = 3 mA, RL = 100 Ω
trr
50
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com