Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E767160VGS183MP79C Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # E767160VGS183MP79C
Description  Large Tubulars
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E767160VGS183MP79C Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  E767160VGS183MP79C Datasheet HTML 1Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 2Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 3Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 4Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 5Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 6Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 7Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 8Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3/8
U767D Series
VGS Vertical Mount for
3 Lead Keyed Polarity Radial (Standard )
VTX Horizontal Mount for Ø0.750 (Ø19.0 )
VTX Horizontal Mount for Ø0.875 and Ø1.000 (Ø22.2 and Ø25.4)
Unit: inches (mm )
Diagram of Dimensions - Large Tubulars
Ø
D
Diameter
0.750
0.875
1.000
A1
0.015
0.300
0.400
0.400
B1
0.020
0.167
0.228
0.228
C1
0.015
0.100
0.150
0.150
C2
0.020
0.200
0.300
0.300
P
0.015
R
0.004
0.250
0.250
0.250
0.203
0.265
0.328
VGS Lead Spacing in Inches
Ø
D
Diameter
19.0
22.2
25.4
A1
0.40
7.6
10.2
10.2
B1
0.50
4.2
5.8
5.8
C1
0.40
2.5
3.8
3.8
C2
0.50
5.1
7.6
7.6
P
0.40
R
0.10
6.3
6.3
6.3
5.2
6.7
8.3
VGS Lead Spacing in Millimeters
Ø
D
Diameter
0.750
0.875
1.000
A
0.040
L
0.255
L
0.255
L
0.255
B
0.020
0.100
0.100
0.100
C
0.020
0.138
0.138
0.138
E
0.020
0.125
0.213
0.213
F
0.020
G
0.020
0.250
0.425
0.425
—
0.080
0.080
VTX Lead Spacing in Inches
Ø
D
Diameter
19.0
22.2
25.4
A
1.00
L
6.5
L
6.5
L
6.5
B
0.50
2.5
2.5
2.5
C
0.50
3.5
3.5
3.5
E
0.50
3.2
5.4
5.4
F
0.50
G
0.50
6.4
10.8
10.8
—
2.0
2.0
VTX Lead Spacing in Millimeters
Case
Size
Code
T29
T35
T41
T54
T67
T79
P29
P35
P41
P54
P67
P79
Q29
Q35
Q41
Q54
Q67
Q79
Q92
0.750
0.875
1.000
1.125
1.375
1.625
2.125
2.625
3.125
1.125
1.375
1.625
2.125
2.625
3.125
1.125
1.375
1.625
2.125
2.625
3.125
3.625
1.165
1.415
1.665
2.165
2.665
3.165
1.165
1.415
1.665
2.165
2.665
3.165
1.165
1.415
1.665
2.165
2.665
3.165
3.665
0.040
0.040
0.040
0.458
0.635
0.811
0.988
1.164
1.340
0.635
0.881
1.093
1.340
1.587
1.834
0.811
0.988
1.129
1.446
1.764
2.081
2.399
Ø
D
0.040
With
Sleeve
L
0.080
With
Sleeve
H
0.080
With
Standoffs
Ø
d
0.004
Terminal
Diameter
Typical
Weight
(ounces)
VGS and VTX Dimensions in Inches
Case
Size
Code
T29
T35
T41
T54
T67
T79
P29
P35
P41
P54
P67
P79
Q29
Q35
Q41
Q54
Q67
Q79
Q92
19.0
22.2
25.4
29.0
35.0
41.0
54.0
67.0
79.0
29.0
35.0
41.0
54.0
67.0
79.0
29.0
35.0
41.0
54.0
67.0
79.0
92.0
30.0
36.0
42.0
55.0
68.0
80.0
30.0
36.0
42.0
55.0
68.0
80.0
30.0
36.0
42.0
55.0
68.0
80.0
93.0
1.00
1.00
1.00
13
18
23
28
33
38
18
25
31
38
45
52
23
28
32
41
50
59
68
Ø
D
1.00
With
Sleeve
L
2.00
With
Sleeve
H
2.00
With
Standoffs
Ø
d
0.10
Terminal
Diameter
Typical
Weight
(grams)
VGS and VTX Dimensions in Millimeters
C2
C1
A1
B1
R Radius
0.025 MIN.
(0.63)
L
d
H
P
PET Sleeve
Vent
D
120
°Typ.
F
E
L
A
C
B
B
PET Sleeve
Inactive Lead For
Mounting Support
Vent
C
d
D
R Radius
( Same as VGS )
0.025 (0.63) MIN.
F
E
G
L
A
C
B
B
PET Sleeve
Inactive Lead For
Mounting Support
Vent
D
C
d
Engineering Bulletin Mar 07



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com