Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E767160VGS183MP79C Datasheet(PDF) 4 Page - United Chemi-Con, Inc.

Part # E767160VGS183MP79C
Description  Large Tubulars
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E767160VGS183MP79C Datasheet(HTML) 4 Page - United Chemi-Con, Inc.

  E767160VGS183MP79C Datasheet HTML 1Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 2Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 3Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 4Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 5Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 6Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 7Page - United Chemi-Con, Inc. E767160VGS183MP79C Datasheet HTML 8Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
4/8
U767D Series
Engineering Bulletin Mar 07
Supplement Code. Field 18.
C = PET sleeve, SnPb terminal plating.
Case Size. Fields 15, 16 and 17.
The single letter diameter code is inserted in field 15.
T= Ø0.750” (Ø19mm )
P= Ø0.875” (Ø22mm )
Q= Ø1.000” (Ø25.4mm )
The double digit length code is inserted in fields 16 and 17.
29 = 1.125” (29mm )
35 = 1.375” (35mm )
41 = 1.625” (41mm )
54 = 2.125” (54mm )
67 = 2.625” (67mm )
79 = 3.125” (79mm )
92 = 3.625” (92mm )
Capacitance Tolerance. Field 14.
M=
20%
Capacitance. Fields 11, 12 and 13.
Expressed in Microfarads. The first two digits are significant
figures inserted in fields 11 and 12, and the third digit inserted
in field 13 indicates the number of zeros for capacitance of
10 F or more. R indicates the decimal point for capacitance
less than 10 F (e.g. 3R3 = 3.3 F; 330 = 33 F; 331 = 330 F;
332 = 3,300 F; 333 = 33,000 F).
Lead Cut /Forming. Field 10.
S = 3 straight leads, 0.250” (6.3mm ) in length.
X = 3 formed leads, 2 radial and 3rd lead axial.
Terminal Type. Fields 8 and 9.
VG = 3 lead keyed polarity radial, vertical mount.
VT = 3 formed lead axial, horizontal mount.
DC Rated Voltage. Fields 5, 6 and 7.
Expressed in Volts. The first two digits are significant figures
inserted in fields 5 and 6, and the third digit inserted in field 7
indicates the number of zeros for rated voltage of 10VDC or
more. R indicates the decimal point for rated voltage less than
10VDC (e.g. 3R5 = 3.5VDC; 350 = 35VDC; 351 = 350VDC).
Series Name. Fields 2, 3 and 4.
Enter the 3-letter/digit series name in fields 2, 3 and 4. If the
series name is only 2 letters/digits, place a dash in field 4.
For a series name with more than 3 letters/digits, refer to the
individual series for the appropriate 3-field series name.
Capacitor Type. Field 1.
Aluminum Electrolytic Capacitor (Polar).
Part Numbering System for U767D Series When ordering, always specify complete 18-field global part number.
E 7 67 3 50 VG S 332 M P 41 C
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
18
9
8
7
6
5
4
3
2
1
18 Fields



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com