Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSF0420 Datasheet(PDF) 1 Page - Faraday Technology

Part # FSF0420
Description  FARADAY STEP FILTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FSF0420 Datasheet(HTML) 1 Page - Faraday Technology

  FSF0420 Datasheet HTML 1Page - Faraday Technology FSF0420 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara042d
Page 1 of 2
Dec-99(B)
This range of very sharp cut-off lowpass video filters provide solution to the problem of seperating
video from multiple audio sub carriers, stereo sound or multi-lingual transmissions with minimum
distortion.
The filter provides a maximum passband and a very sharp cut off with good stopband performance
out to 200 MHz. Time domain performance is maintained by providing group delay equalisation for
more than 93% of the passband.
Type code
End of passband
Start of stopband
Group delay ripple
Delay time
nominal
FSF0420
4.2 MHz
4.48 MHz
< 20 ns
1870 ns
FSF0510
5.1 MHz
5.44 MHz
< 20 ns
1540 ns
FSF0540
5.4 MHz
5.76 MHz
< 20 ns
1454 ns
FSF0610
6.1 MHz
6.50 MHz
< 20 ns
1287 ns
Common specifications
Impedance
75 ohms
Insertion loss
< 3 dB
Passband Amplitude ripple
< 0.15 dB
Stopband Attenuation
> 40 dB
2T Pulse and Bar k-rating ( T=100 ns)
1% typical
Aqueous Washable
No
Ordering information
Insert suffix B for BNC box
eg FSF0420B
Package: DR00050A
Insert suffix P for Open PCB with pins
eg FSF0420P
Package: DR00090B
Insert suffix N for open PCB with no pins fitted
eg FSF0420N
Package: DR00091B
Other end of passband frequencies can be supplied. Please contact Faraday for details.
FARADAY STEP FILTER
VERY FAST CUT OFF LOWPASS VIDEO FILTER


Similar Part No. - FSF0420

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSF03B60 NIEC-FSF03B60 Datasheet
175Kb / 1P
FRED
logo
National Instruments Co...
FSF03B60 NI-FSF03B60_15 Datasheet
175Kb / 1P
FRED
logo
Nihon Inter Electronics...
FSF03D60 NIEC-FSF03D60 Datasheet
178Kb / 1P
FRED
logo
National Instruments Co...
FSF03D60 NI-FSF03D60_15 Datasheet
173Kb / 1P
FRED
logo
Kyocera Kinseki Corpota...
FSF03F60 KSS-FSF03F60 Datasheet
784Kb / 5P
Fast Recovery Diode
More results

Similar Description - FSF0420

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1350 HOLTEK-HT1350 Datasheet
83Kb / 6P
Step Counter
June 28, 1999
logo
Maxim Integrated Produc...
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
Step-Up / Step-Down 60mA Regulated Charge Pump
logo
YOBON TECHNOLOGIES,INC.
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
Step-Up/ Step-Down / Fixed Output Application
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
logo
Maxim Integrated Produc...
MAX1870 MAXIM-MAX1870 Datasheet
509Kb / 32P
Step-Up/Step-Down Li Battery Charger
Rev 1; 9/05
logo
Abracon Corporation
ARJE-0028 ABRACON-ARJE-0028 Datasheet
368Kb / 1P
Apracon LLC. 2 Faraday
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
logo
Maxim Integrated Produc...
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
Step-Up/Step-Down Li Battery Charger
2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com