Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP358C Datasheet(PDF) 1 Page - Faraday Technology

Part # FP358C
Description  GROUP DELAY PRE-CORRECTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FP358C Datasheet(HTML) 1 Page - Faraday Technology

  FP358C Datasheet HTML 1Page - Faraday Technology FP358C Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA161d
Page 1 of 2
Dec-99(A)
The specifications for a number of television systems state that the transmitted signal must be pre-
corrected in terms of group delay to allow for the distortion produced by the IF filters in television
receivers.
CCIR Rep.624 recommends three curves which apply variously to the following systems: B/PAL,
G/PAL, M/PAL and M/NTSC.
The response of the three networks offered correspond to the three recommended curves in terms of
group delay and are equalised to have an amplitude ripple of less than 0.2 dB over the video band.
They are supplied in 40 pin encapsulated modules which occupy a board area of less than 11 sq. cm.
FP443A
FP443B
FP358C
Group Delay Pre-correction
Curve
B/PAL
G/PAL-A
B/PAL
G/PAL-B
M/PAL
M/NTSC
Insertion Loss at 100 kHz
< 1.5 dB
< 1.5 dB
< 1.5 dB
End Of Passband
5.5 MHz
5.5 MHz
5.5 MHz
Passband Amplitude Ripple
< 0.2 dB
< 0.2 dB
< 0.2 dB
Impedance
75 ohms
75 ohms
75 ohms
Temperature Range
0°C to 70°C
0°C to 70°C
0°C to 70°C
Aqueous Washable
No
No
No
Package
DR00020B
DR00020B
DR00020B
GROUP DELAY PRE-
CORRECTION


Similar Part No. - FP358C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FP35R12KT4 INFINEON-FP35R12KT4 Datasheet
442Kb / 11P
EconoPIM2 module with Trench/Fieldstop IGBT4 and EmCon4 diode
2007-12-21 revision:2.0
FP35R12KT4 INFINEON-FP35R12KT4 Datasheet
652Kb / 11P
EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP35R12KT4P INFINEON-FP35R12KT4P Datasheet
714Kb / 12P
EconoPIM™2 module with Trench/Fieldstop IGBT4 and Emitter Controlled diode and pre-applied Thermal Interface Material
V 3.0 2017-03-17
FP35R12KT4 INFINEON-FP35R12KT4_13 Datasheet
652Kb / 11P
EconoPIM2 Modul mit Trench
2013-11-04 revision:2.0
FP35R12KT4_B11 INFINEON-FP35R12KT4_B11 Datasheet
591Kb / 12P
EconoPIM2 module with fast Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2010-04-29 revision:3.0
More results

Similar Description - FP358C

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
AH1157 FARADAY-AH1157 Datasheet
48Kb / 2P
ACTIVE GROUP DELAY CORRECTOR NETWORK
logo
KR Electronics, Inc.
2219 KR-2219 Datasheet
27Kb / 1P
Group Delay Pre-emphasis Network
2232 KR-2232 Datasheet
15Kb / 1P
Group Delay Pre-emphasis Network
2823-30 KR-2823-30 Datasheet
50Kb / 2P
153.6 MHz group delay equalized bandpass filter
2823-80 KR-2823-80 Datasheet
50Kb / 2P
153.6 MHz group delay equalized bandpass filter
2838-20 KR-2838-20 Datasheet
50Kb / 2P
140 MHz group delay equalized bandpass filter
2838-30 KR-2838-30 Datasheet
51Kb / 2P
140 MHz group delay equalized bandpass filter
2838-40 KR-2838-40 Datasheet
50Kb / 2P
140 MHz group delay equalized bandpass filter
2838-50 KR-2838-50 Datasheet
50Kb / 2P
140 MHz group delay equalized bandpass filter
logo
Shoulder Electronics Li...
HDF4803TO39 SHOULDER-HDF4803TO39 Datasheet
109Kb / 5P
Constant group delay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com