Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1575 Datasheet(PDF) 1 Page - Faraday Technology

Part # FS1575
Description  SDI VIDEO SPLITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FS1575 Datasheet(HTML) 1 Page - Faraday Technology

  FS1575 Datasheet HTML 1Page - Faraday Technology FS1575 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. A s part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara339s
Page 1 of 2
Oct-05(A)
The FS1575 SDI Video Splitter provides a low cost solution to splitting a single serial digital video
signal between two destinations where ultimate performance can be reduced. It requires no power
and only introduces a modest insertion loss.
1
Measured with both outputs terminated with minimum cable length.
Input/Output Signal Format
SDI (SMPTE 259M-C)
N
o of inputs
1
N
o of outputs
2
Data Rate
5 – 360 Mb/s
Impedance
75 ohms
Insertion Loss at 5.0 MHz
< 4 dB
Return Loss - Input (5-360 MHz)
1
> 8 dB
Return Loss – Output (5-360 MHz)
> 14 dB
Temperature Range
0°C to 70°C
Aqueous Washable
No
Package
DR00334A
FS1575
SDI VIDEO SPLITTER


Similar Part No. - FS1575

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FS15786 LEDIL-FS15786 Datasheet
1Mb / 23P
Florence Assembly
More results

Similar Description - FS1575

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
OTP-1HDP EMCORE-OTP-1HDP Datasheet
93Kb / 2P
HD-SDI & SD-SDI Video
OTP-2HDP EMCORE-OTP-2HDP Datasheet
86Kb / 2P
HD-SDI & SD-SDI Video
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
HD-SDI & SD-SDI Video
logo
Microchip Technology
EQCO30T5.2 MICROCHIP-EQCO30T5.2 Datasheet
377Kb / 22P
EQCO30T5.2 3G/HD-SDI Video Cable Driver
07/14/15
logo
Pulse A Technitrol Comp...
CP-V413PS PULSE-CP-V413PS Datasheet
385Kb / 2P
Flush Mount Video-Grade Splitter
CP-V413WT PULSE-CP-V413WT Datasheet
509Kb / 2P
Video-Grade CPE Splitter
logo
IOGEAR
GVS62 IOGEAR-GVS62 Datasheet
142Kb / 2P
2-Port VGA Video Splitter
GVS74 IOGEAR-GVS74 Datasheet
133Kb / 3P
4-Port VGA Video Splitter
GVS78 IOGEAR-GVS78 Datasheet
136Kb / 2P
8-Port VGA Video Splitter
logo
Digital View Ltd
HD-1000P DIGITALVIEW-HD-1000P Datasheet
506Kb / 1P
3G/HD-SDI Video Add-on
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com