Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1575 Datasheet(PDF) 2 Page - Faraday Technology

Part # FS1575
Description  SDI VIDEO SPLITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FS1575 Datasheet(HTML) 2 Page - Faraday Technology

  FS1575 Datasheet HTML 1Page - Faraday Technology FS1575 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PACKAGE DETAIL
Faraday Technology Ltd.
Tel:
+ 44 (0)1782 661501
Croft Road Industrial Estate,
Fax:
+ 44 (0)1782 630101
Newcastle, Staffordshire
Email:
sales@faradaytech.co.uk
ST5 0QZ. England.
Web site:
http://www.faradaytech.co.uk
Fara339s
Page 2 of 2
Oct-05(A)
11,56 (0.46) Max
5,4 (0.212) Max.
7,62 (0.3)
1,9 (0.07) Nom
Notes;
Pins Matl; Brass CDA 260
Pins Size; 0,46 (0.018) x 0,41 (0.016)
Pin Assignments; Pin 1 = Input
Pin 5 = Output 1
Pin 8 = Output 2
Drg No:
Title:
Third Angle
Projection
All dimensions in millimetres (inches). Gen Tolerance ± 0,05 (0.002) unless otherwise stated.
DO NOT SCALE
© Faraday Technology Ltd Croft Road Newcastle-U-Lyme ST5 0QZ England Tel (044) 01782 661501 Fax 630101
Template: DT00068
Date: 15/11/01
Change
Note No;
DR00334A
SDI VIDEO SPLITTER
TOP VIEW
Pin 1
Pin 4
Pin 5
Pin 8
2,54 (0.1) Typ.
Date: 16/11/01
Auth: C Snell



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com