Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS23 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SS23
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SS23 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SS23 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SS23 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MASTER INSTRUMENT CORPORATION
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS22 THRU SS210
VOLTAGE RANGE
Forward Current
20 to 100 Volts
2.0 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1/2
FEATURES
l For surface mount applications
l Metal-Semiconductor Junction with Guarding
l Epitaxial Construction
l Metal-Semiconductor Junction with Guarding
l Very Low forward voltage drop
l High Current capability
l For use in low voltage, high frequency inventers,
Free wheeling, and polarity protection applications
l High temperature soldering guaranteed:
250
oC/10 seconds at terminals
MECHANICAL DATA
l Case: Molded Plastic
l Terminals: Solder Plated, Solderable per MIL-STD-750
Method 2026
l Polarity: Indicated by Cathode Band
l Weight: 0.003ounce, 0.093gram
SMB(DO-214AA)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate by 20%.
SYMBOLS
SS22
SS23
SS24
SS25 SS26
SS28
SS29
SS210
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
Volts
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
63
70
Volts
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
90
100
Volts
Maximum Average Forward Rectified Current
at TL=105℃
I(AV)
2.0
Amps
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
50
Amps
Maximum Forward Voltage at 2.0A DC
VF
0.55
0.75
0.85
Volts
TA=25℃
0.5
MaximumDC Reverse Current at rated
DC blocking voltage (Note 1)
TA=100℃
IR
15.0
mA
Typical Junction Capacitance (Note 1)
CJ
75
P
F
Typical thermal capacitance (Note 2)
RQJL
15
℃/W
Operating Temperature Range
TJ
-55 to +125
Storage temperature range
TSTG
-55 to +150
℃
NOTES:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.
Thermal Resistance Junction to Lead.


Similar Part No. - SS23

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS23 ZOWIE-SS23 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS23 JGD-SS23 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS23 SSE-SS23 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS23 GE-SS23 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS23 MCC-SS23 Datasheet
625Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SS23

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com