Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EW750M-R10-FB Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # EW750M-R10-FB
Description  HIGH POWER EDGEWOUND RESISTORS TUBULAR, 75 WATT to 2000 WATT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

EW750M-R10-FB Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  EW750M-R10-FB Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High power edgewound construction, economical price!
RCD Series EW is designed to meet heavy-duty requirements
where space is at a premium. Unique ribbon element is
edgewound onto a ceramic tube offering the industry’s highest
power ratings at a low cost. Inductance levels are lower than
conventional round-wire designs. Series EW is ideally suited for
load testing, power distribution, high power instrumentation, etc.
Widest range in the industry!
High thermal capacity & power-to-size ratio
Highest power performance for low cost
Flameproof silicone coating
Custom sizes and terminations available
HIGH POWER EDGEWOUND RESISTORS
TUBULAR, 75 WATT to 2000 WATT
SPECIFICATIONS
OPTIONS
Option X: Non-inductive
Option ER: 100 hour burn-in
Option M: Thru-bolt brackets
Option T: Single or multi-tapped design
RESISTORS CAPS & COILS
DELAY LINES
EW SERIES
* Available as low as 0.05
Ω on special order.
PERFORMANCE CHARACTERISTICS
D
C
R
e
p
y
T
e
g
a
t
t
a
W
C
°
5
2
@
e
c
n
a
t
s
i
s
e
R
*
e
g
n
a
R
AB
C
E
F
G
H
I
J
K
L
5
7
W
EW
5
78
-
1
.
0]
0
1
1
[
3
3
.
4]
5
2
[
4
8
9
.]
6
1
[
3
6
.]
8
[
2
3
.]
0
5
1
[
9
.
5]
5
[
7
9
1
.]
8
1
[
1
7
.]
6
[
6
3
2
.]
6
6
1
[
3
5
.
6]
8
5
[
8
2
.
2]
2
.
1
[
7
4
0
.
0
0
1
W
EW
0
0
19
-
1
.
0]
0
9
[
4
5
.
3]
8
2
[
0
1
.
1]
8
1
[
8
0
7
.]
8
[
2
3
.]
0
3
1
[
2
1
.
5]
5
[
7
9
1
.]
8
1
[
1
7
.]
6
[
6
3
2
.]
6
4
1
[
5
7
.
5]
0
6
[
6
3
.
2]
2
.
1
[
7
4
0
.
0
2
1
W
EW
0
2
12
1
-
1
.
0]
0
1
1
[
3
3
.
4]
8
2
[
0
1
.
1]
8
1
[
8
0
7
.]
8
[
2
3
.]
0
5
1
[
0
9
.
5]
5
[
7
9
1
.]
8
1
[
1
7
.]
6
[
6
3
2
.]
6
6
1
[
3
5
.
6]
0
6
[
6
3
.
2]
2
.
1
[
7
4
0
.
0
5
1
W
EW
0
5
15
1
-
1
.
0]
0
4
1
[
1
5
.
5]
8
2
[
0
1
.
1]
8
1
[
8
0
7
.]
8
[
2
3
.]
0
8
1
[
8
0
.
7]
5
[
7
9
1
.]
8
1
[
1
7
.]
6
[
6
3
2
.]
6
9
1
[
1
7
.
7]
0
6
[
6
3
.
2]
2
.
1
[
7
4
0
.
0
8
1
W
EW
0
8
18
1
-
1
.
0]
0
6
1
[
3
.
6]
8
2
[
0
1
.
1]
8
1
[
8
0
7
.]
8
[
2
3
.]
0
0
2
[
7
8
.
7]
5
[
7
9
1
.]
8
1
[
1
7
.]
6
[
6
3
2
.]
6
1
2
[
0
5
.
80
6
[
6
3
.
2]
2
.
1
[
7
4
0
.
5
2
2
W
EW
5
2
23
2
-
1
.
0]
5
9
1
[
7
6
.
7]
8
2
[
0
1
.
1]
8
1
[
8
0
7
.]
8
[
2
3
.]
5
3
2
[
5
2
.
9]
5
[
7
9
1
.]
]
8
1
[
1
7
.]
6
[
6
3
2
.]
1
5
2
[
8
8
.
9]
0
6
[
6
3
.
2]
2
.
1
[
7
4
0
.
0
4
2
W
EW
0
4
24
2
-
1
.
0]
5
8
1
8
2
.
7]
5
3
[
8
3
.
1]
4
2
[
5
4
9
.]
9
[
6
3
.]
5
2
2
[
6
8
.
8]
5
[
7
9
1
.]
9
1
[
8
4
7
.]
8
[
5
1
3]
5
4
2
[
4
6
.
9]
6
7
[
9
9
.
2]
6
.
1
[
3
6
0
.
0
0
3
W
EW
0
0
30
3
-
3
.
0]
0
1
2
[
7
2
.
8]
5
3
[
8
3
.
1]
4
2
[
5
4
9
.]
9
[
6
3
.]
0
5
2
[
4
8
.
9]
5
[
7
9
1
.]
9
1
[
8
4
7
.]
8
[
5
1
3]
4
7
2
[
8
7
.
0
1]
6
7
[
9
9
.
2]
6
.
1
[
3
6
0
.
5
7
3
W
EW
5
7
38
3
-
3
.
0]
0
1
2
[
7
2
.
8]
0
4
[
7
5
.
1]
5
2
[
4
8
9
.]
1
1
[
4
4
.]
0
5
2
[
4
8
.
9]
5
[
7
9
1
.]
9
1
[
8
4
7
.]
8
[
5
1
3]
4
7
2
[
8
7
.
0
1]
8
7
[
7
0
.
3]
6
.
1
[
3
6
0
.
0
5
4
W
EW
0
5
45
4
-
3
.
0]
0
6
2
[
3
2
.
0
1]
0
4
[
7
5
.
1]
5
2
[
4
8
9
.]
1
1
[
4
4
.]
0
0
3
[
1
8
.
1
1]
5
[
7
9
1
.]
9
1
[
8
4
7
.]
8
[
5
1
3]
0
2
3
[
6
.
2
1]
8
7
[
7
0
.
3]
6
.
1
[
3
6
0
.
0
0
6
W
EW
0
0
60
6
-
3
.
0]
0
3
3
[
9
9
.
2
1]
0
4
[
7
5
.
1]
5
2
[
4
8
9
.]
1
1
[
4
4
.]
0
7
3
[
6
5
.
4
1]
5
[
7
9
1
.]
9
1
[
8
4
7
.]
8
[
5
1
3]
5
9
3
[
5
5
.
5
1]
8
7
[
7
0
.
3]
6
.
1
[
3
6
0
.
0
5
7
W
EW
0
5
75
7
-
3
.
0]
0
3
3
[
9
9
.
2
1]
0
5
[
7
9
.
1]
5
3
[
8
3
.
1]
2
1
[
7
4
.]
0
8
3
[
6
9
.
4
1]
6
[
6
3
2
.]
5
2
[
4
8
9
.]
9
[
4
5
3]
0
0
4
[
5
7
.
5
1]
5
0
1
[
3
1
.
4]
6
.
1
[
3
6
0
.
0
0
9
W
EW
0
0
90
9
-
3
.
0]
0
0
4
[
5
7
.
5
1]
0
5
[
7
9
.
1]
5
3
[
8
3
.
1]
2
1
[
7
4
.]
0
5
4
[
2
7
.
7
1]
6
[
6
3
2
.]
5
2
[
4
8
9
.]
9
[
4
5
3]
0
7
4
[
5
.
8
1]
5
0
1
[
3
1
.
4]
6
.
1
[
3
6
0
.
0
0
0
1
W
EW
0
0
0
10
0
1
-
5
.
0]
0
6
4
[
1
1
.
8
1]
0
5
[
7
9
.
1]
5
3
[
8
3
.
1]
2
1
[
7
4
.]
0
1
5
[
7
0
.
0
2]
6
[
6
3
2
.]
5
2
[
4
8
9
.]
9
[
4
5
3]
3
3
5
[
0
.
1
2]
5
0
1
[
3
1
.
4]
6
.
1
[
3
6
0
.
0
0
2
1
W
EW
0
0
2
10
2
1
-
5
.
0]
0
6
4
[
1
1
.
8
1]
0
6
[
6
3
.
2]
0
4
[
7
5
.
1]
5
1
[
9
5
.]
5
1
5
[
7
2
.
0
2]
6
[
6
3
2
.]
0
3
[
8
1
.
1]
0
1
[
3
9
3
.]
5
3
5
[
6
0
.
1
2]
2
1
1
[
1
4
.
4]
6
.
1
[
3
6
0
.
0
0
5
1
W
EW
0
0
5
10
5
1
-
5
.
0]
0
4
5
[
6
2
.
1
2]
0
6
[
6
3
.
2]
0
4
[
7
5
.
1]
5
1
[
9
5
.]
5
9
5
[
2
4
.
3
2]
6
[
6
3
2
.]
0
3
[
8
1
.
1]
0
1
[
3
9
3
.]
5
1
6
[
1
2
.
4
2]
2
1
1
[
1
4
.
4]
6
.
1
[
3
6
0
.
0
0
0
2
W
EW
0
0
0
20
0
2
-
5
.
0]
0
5
6
[
9
5
.
5
2]
0
6
[
6
5
.
2]
8
2
[
5
6
.
1]
5
1
[
9
5
.]
2
0
7
[
3
6
.
7
2]
6
[
8
3
2
.]
0
3
[
8
1
.
1]
0
1
[
3
9
3
.]
2
2
7
[
2
4
.
8
2]
0
2
1
[
2
7
.
4]
6
.
1
[
3
6
0
.
e
c
n
a
r
e
l
o
T
1
d
r
a
d
n
a
t
s
s
i
%
5
±
,
e
v
o
b
a
d
n
a
1
w
o
l
e
b
%
0
1
±
)
%
1
±
o
t
.
l
i
a
v
a
(
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
c
i
f
f
e
o
C
.
p
y
T
C
°
/
m
p
p
0
0
4
)
m
p
p
0
5
o
t
e
l
b
a
l
i
a
v
a
(
*
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D
t
e
k
c
a
r
b
g
n
i
t
n
u
o
m
o
t
l
a
n
i
m
r
e
t
:
C
A
V
0
0
0
1
y
d
o
b
r
o
t
s
i
s
e
r
o
t
l
a
n
i
m
r
e
t
:
C
A
V
0
d
a
o
l
r
e
v
O.
c
e
s
5
r
o
f
r
e
w
o
p
d
e
t
a
r
x
0
1
g
n
i
t
a
r
e
DC
°
0
5
3
@
r
e
w
o
p
o
r
e
z
o
t
C
°
5
2
@
r
e
w
o
p
ll
u
F
* Increased dielectric strength available.
FA063B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
P/N DESIGNATION:
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
EW750
- 1R5 - J
B
W
RCD Type:
Options: X, ER, M (Leave blank if standard)
Tolerance: K=10% (std <1
Ω), J=5%(std 1Ω & above), G=2%, F=1%
Packaging: B = Bulk (only)
Resis.Code 1%: 3 signif. figures & multiplier,
(R100=.1
Ω,1R00=1Ω,10R0=10Ω,1000=100Ω
Resis.Code 2%-10%: 2 signif. figures & multiplier,
(R10=0.1
Ω, 1R0=1Ω,100=10Ω, 101=100Ω, 102=1K
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
51
12
12
H
12
12
J
F
K
Option M - thru-bolt mounting
brackets for secured mounting
E
G
A
L
B
C
I
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - EW750M-R10-FB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EW710B ETC1-EW710B Datasheet
114Kb / 2P
EW710B
EW732 ETC1-EW732 Datasheet
111Kb / 2P
EW732
EW7D5 ETC2-EW7D5 Datasheet
749Kb / 1P
1/8 WATT METAL
More results

Similar Description - EW750M-R10-FB

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
CFZ2537-102-JB RCD-CFZ2537-102-JB Datasheet
33Kb / 1P
HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
MP220P-R100-J RCD-MP220P-R100-J Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MPF2SP-R100-J RCD-MPF2SP-R100-J Datasheet
45Kb / 1P
ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
SR90-503-FBW RCD-SR90-503-FBW Datasheet
45Kb / 1P
HIGH POWER & HIGH VOLTAGE RESISTORS 2 WATT to 250 WATT, 15KV to 300KV
T225X-R100-KB RCD-T225X-R100-KB Datasheet
44Kb / 1P
TUBULAR WIREWOUND RESISTORS 12 WATT to 1300 WATT
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
ASE VISHAY-ASE Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com