Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF302 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF302
Description  Parallel Encoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF302 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF302 Datasheet HTML 1Page - Micrel Semiconductor MICRF302 Datasheet HTML 2Page - Micrel Semiconductor MICRF302 Datasheet HTML 3Page - Micrel Semiconductor MICRF302 Datasheet HTML 4Page - Micrel Semiconductor MICRF302 Datasheet HTML 5Page - Micrel Semiconductor MICRF302 Datasheet HTML 6Page - Micrel Semiconductor MICRF302 Datasheet HTML 7Page - Micrel Semiconductor MICRF302 Datasheet HTML 8Page - Micrel Semiconductor MICRF302 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MICRF302
Parallel Encoder
QwikRadio is a registered trademark of Micrel, Inc.
MLF and MicroLead Frame are registered trademark of Amkor Technology
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2008
M9999-100908-A
General Description
The MICRF302 is a parallel encoder which works with
QwikRadio
® family radios to significantly shorten design
time for RF products. The part is easy to use, provides
more communication distance, and it is extremely stable
over operating temperature and operating voltage range.
The MICRF302 Parallel Encoder makes the transmission
of encoding data simple. This device encodes data from
four input pins, which have internal pull-up resistors and
deglitching circuitry. These inputs can be connected to
switches or external circuitry.
The MICRF302 outputs
encoded data serially, and can be connected directly to
any
QwikRadio
®
transmitter
without
any
additional
components.
The MICRF302 gives communication reliability through
built-in CRC (cyclic redundancy check). The MICRF302
needs no external components for clock generation.
Unlike other encoders on the market, there is no shift in
performance
with
associated
changes
in
operating
temperature nor operating voltage. The internal clock
provides stable data operations over a wide temperature
range of -40°C to +85°C.
MICRF302 can operate from
1.8 V to 3.6 V. The MICRF302 is battery friendly, and will
work with alkaline, NiCd, NiMh, lithium ion, or lithium
batteries.
Features
• Small form factor: 10-pin MLF® package
• Wide operating voltage range: 1.8 V to 3.6 V
• Low current consumption: 130µA operating, 0.1µA
Standby
• On-chip clock generation requires no external
components
• Unique 20-bit internal address allows up to 1 million
combinations to differentiate from adjacent encoders.
• Selectable data rates: 0.6, 1, 3, 4.8kbps
• 8-bit industry-standard CRC provides robust data
protection
• On-chip pullup resistors
• On-chip deglitch makes it easy to use low-cost switches
Applications
• Light switches
• Appliance controls
• Christmas lights
• Fan and HVAC switches
• Remote half switches
• Garage door openers
• Remote controls
• Toys
• Lawn watering sensors
• Robust, unidirectional, low cost, low power, low data
rate communications links
_________________________________________________________________________________________________
Ordering Information
Part Number
Marking Code
Temperature Range
Package
MICRF302YML
XA02
-40ºC to +85ºC
10-pin 2.5mm × 2.5mm MLF
®
Note:
1. MLF is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.


Similar Part No. - MICRF302

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF302 MICREL-MICRF302 Datasheet
522Kb / 15P
Parallel Encoder
MICRF302YML MICREL-MICRF302YML Datasheet
522Kb / 15P
Parallel Encoder
MICRF302 MICREL-MICRF302_10 Datasheet
522Kb / 15P
Parallel Encoder
More results

Similar Description - MICRF302

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
ENCODER
logo
IC-Haus GmbH
IC-LG ICHAUS-IC-LG Datasheet
519Kb / 2P
21-BIT OPTICAL POSITION ENCODER WITH SERIAL/PARALLEL AND SIN/COS OUTPUT
IC-LGC ICHAUS-IC-LGC Datasheet
399Kb / 2P
21-BIT OPTICAL POSITION ENCODER WITH SERIAL/PARALLEL AND SIN/COS OUTPUT
IC-LNB ICHAUS-IC-LNB Datasheet
471Kb / 2P
18-BIT OPTICAL ENCODER WITH SPI AND SERIAL/PARALLEL OUTPUTS
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
logo
Micrel Semiconductor
MICRF302 MICREL-MICRF302_10 Datasheet
522Kb / 15P
Parallel Encoder
logo
Fairchild Semiconductor
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
16-Key Encoder ??20-Key Encoder
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
16-Key Encoder 20-Key Encoder
logo
Bourns Electronic Solut...
PES12_MDS BOURNS-PES12_MDS Datasheet
343Kb / 2P
ENCODER
logo
ABCircuits
KBDP64 ABCIRCUITS-KBDP64 Datasheet
86Kb / 7P
Parallel output keyboard encoder for up to 64 keys
February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com