Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF302 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF302
Description  Parallel Encoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF302 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF302 Datasheet HTML 1Page - Micrel Semiconductor MICRF302 Datasheet HTML 2Page - Micrel Semiconductor MICRF302 Datasheet HTML 3Page - Micrel Semiconductor MICRF302 Datasheet HTML 4Page - Micrel Semiconductor MICRF302 Datasheet HTML 5Page - Micrel Semiconductor MICRF302 Datasheet HTML 6Page - Micrel Semiconductor MICRF302 Datasheet HTML 7Page - Micrel Semiconductor MICRF302 Datasheet HTML 8Page - Micrel Semiconductor MICRF302 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
MICRF302
October 2008
4
M9999-100908-A
Absolute Maximum Ratings
(1)
Supply Voltage (VDD) ……………………...…-0.3 V to +4 V
Voltage on Any Pin................... VSS - 0.3 V to VDD + 0.3 V
Junction Temperature ................................-55°C to +150°C
Storage Temperature .................................-65°C to +150°C
Lead Temperature (soldering, 10 s)......................... +300°C
ESD Rating
(3).........................................................2kV HBM
Operating Ratings
(2)
Supply Voltage (VDD)...................................... 1.8 V to 3.6 V
Ambient/junction Temperature.....................-40°C to +85°C
Electrical Characteristics
VIN = 3.3V; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Operating Supply Current
Fully Operational
130
200
µA
Standby Current
Chip Disabled
0.3
1
µA
Analog Section
MICRF302 Parallel Encoder Timing (Note 4)
On-chip oscillator frequency accuracy
Does not depend on data rate
-10
0
+10
%
One bit time
0.9
1.0
1.1
ms
One packet time
98
ms
Delay between data packets
5
ms
Switch closure to TXEN (TD_TXEN)
Does not depend on data rate
<1
µs
Transmit Timeout
(6)
Does not depend on data rate
22.5
25
27.5
s
Transmit Enable to Data Out (TTXEN_DOUT)
36
40
44
ms
Pulse rejection (deglitch) by D0-D3 (Note 5)
Does not depend on data rate
7.2
8
8.8
ms
Digital Section
Input Low Voltage
D0 to D3 pins
0.1 VDD
V
Input High Voltage
D0 to D3 pins
0.9 VDD
V
Output High Voltage
TXEN/DOUT pin, 1µA Load
0.9 VDD
V
Output Low Voltage
TXEN/DOUT pin, 1µA Load
0.1 VDD
V
Output Tr, Tf
TXEN/DOUT pin, Cload = 15pF
10
µs
DOUT and TXEN, Output Current
Source at 0.8 VDD
Sink at 0.2 VDD
3
10
mA
Notes:
1. Exceeding the absolute maximum rating may damage the device
2. The device is not guaranteed to function outside its operating rating
3. This device is ESD sensitive
4. Timing numbers are for a data rate of 1 kbps. Except where shown, all data timing scales linearly with the data rate.
5. In this context, deglitching refers to the D0-D3 pins’ ability to reject high- or low-going glitches. Deglitching makes it much easier to use low-cost
push-to-make switches which have inherently noisy contacts.
6. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com