Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2158 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC2158
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2158 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC2158 Datasheet HTML 4Page - NXP Semiconductors LPC2158 Datasheet HTML 5Page - NXP Semiconductors LPC2158 Datasheet HTML 6Page - NXP Semiconductors LPC2158 Datasheet HTML 7Page - NXP Semiconductors LPC2158 Datasheet HTML 8Page - NXP Semiconductors LPC2158 Datasheet HTML 9Page - NXP Semiconductors LPC2158 Datasheet HTML 10Page - NXP Semiconductors LPC2158 Datasheet HTML 11Page - NXP Semiconductors LPC2158 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
8 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
P0[27]/AD0[0]/
CAP0[1]/MAT0[1]
99[7]
I/O
P0[27] — General purpose input/output digital pin (GPIO).
I
AD0[0] — ADC 0, input 0. This analog input is always connected to its pin.
I
CAP0[1] — Capture input for Timer 0, channel 1.
O
MAT0[1] — Match output for Timer 0, channel 1.
P0[28]/AD0[1]/
CAP0[2]/MAT0[2]
1[4]
I/O
P0[28] — General purpose input/output digital pin (GPIO).
I
AD0[1] — ADC 0, input 1.
I
CAP0[2] — Capture input for Timer 0, channel 2.
O
MAT0[2] — Match output for Timer 0, channel 2.
P0[29]/AD0[2]/
CAP0[3]MAT0[3]
2[4]
I/O
P0[29] — General purpose input/output digital pin (GPIO).
I
AD0[2] — ADC 0, input 2.
I
CAP0[3] — Capture input for Timer 0, channel 3.
O
MAT0[3] — Match output for Timer 0, channel 3.
P0[30]/AD0[3]/
EINT3/CAP0[0]
3[4]
I/O
P0[30] — General purpose input/output digital pin (GPIO).
I
AD0[3] — ADC 0, input 3.
I
EINT3 — External interrupt 3 input.
I
CAP0[0] — Capture input for Timer 0, channel 0.
P0[31]
5[6]
O
P0[31] — General purpose output only digital pin.
P1[0] to P1[31]
I/O
Port 1: Port 1 is a 32-bit bidirectional I/O port with individual direction controls
for each bit. The operation of port 1 pins depends upon the pin function
selected via the pin connect block. Pins 0 through 15 and 18 through 24 of
port 1 are not available.
P1[16]
4[6]
I/O
P1[16] — General purpose input/output digital pin (GPIO).
P1[17]
100[6]
I/O
P1[17] — General purpose input/output digital pin (GPIO).
P1[25]/EXTIN0
16[6]
I/O
P1[25] — General purpose input/output digital pin (GPIO).
I
EXTIN0 — External Trigger Input. Standard I/O with internal pull-up.
P1[26]/RTCK
12[6]
I/O
P1[26] — General purpose input/output digital pin (GPIO).
I/O
RTCK — Returned Test Clock output. Extra signal added to the JTAG port.
Assists debugger synchronization when processor frequency varies.
Bidirectional pin with internal pull-up.
Note: LOW on RTCK while RESET is LOW enables pins P1[31:26] to operate
as Debug port after reset.
P1[27]/TDO
90[6]
I/O
P1[27] — General purpose input/output digital pin (GPIO).
O
TDO — Test Data out for JTAG interface.
P1[28]/TDI
86[6]
I/O
P1[28] — General purpose input/output digital pin (GPIO).
I
TDI — Test Data in for JTAG interface.
P1[29]/TCK
82[6]
I/O
P1[29] — General purpose input/output digital pin (GPIO).
I
TCK — Test Clock for JTAG interface. This clock must be slower than 1
⁄6 of the
CPU clock (CCLK) for the JTAG interface to operate.
P1[30]/TMS
78[6]
I/O
P1[30] — General purpose input/output digital pin (GPIO).
I
TMS — Test Mode Select for JTAG interface.
P1[31]/TRST
8[6]
I/O
P1[31] — General purpose input/output digital pin (GPIO).
I
TRST — Test Reset for JTAG interface.
Table 2.
Pin description LPC2157 …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com