Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2158 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC2158
Description  Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2158 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC2158 Datasheet HTML 18Page - NXP Semiconductors LPC2158 Datasheet HTML 19Page - NXP Semiconductors LPC2158 Datasheet HTML 20Page - NXP Semiconductors LPC2158 Datasheet HTML 21Page - NXP Semiconductors LPC2158 Datasheet HTML 22Page - NXP Semiconductors LPC2158 Datasheet HTML 23Page - NXP Semiconductors LPC2158 Datasheet HTML 24Page - NXP Semiconductors LPC2158 Datasheet HTML 25Page - NXP Semiconductors LPC2158 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
LPC2157_2158_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2009
22 of 45
NXP Semiconductors
LPC2157/2158
Single-chip 16-bit/32-bit microcontrollers
6.16 Watchdog timer
The purpose of the watchdog is to reset the microcontroller within a reasonable amount of
time if it enters an erroneous state. When enabled, the watchdog will generate a system
reset if the user program fails to ‘feed’ (or reload) the watchdog within a predetermined
amount of time.
6.16.1 Features
• Internally resets chip if not periodically reloaded.
• Debug mode.
• Enabled by software but requires a hardware reset or a watchdog reset/interrupt to be
disabled.
• Incorrect/Incomplete feed sequence causes reset/interrupt if enabled.
• Flag to indicate watchdog reset.
• Programmable 32-bit timer with internal prescaler.
• Selectable time period from (Tcy(PCLK) × 256 × 4) to (Tcy(PCLK) × 232 × 4) in multiples of
Tcy(PCLK) × 4.
6.17 Real-time clock
The RTC is designed to provide a set of counters to measure time when normal or idle
operating mode is selected. The RTC has been designed to use little power, making it
suitable for battery powered systems where the CPU is not running continuously (Idle
mode).
6.17.1 Features
• Measures the passage of time to maintain a calendar and clock.
• Ultra-low power design to support battery powered systems.
• Provides Seconds, Minutes, Hours, Day of Month, Month, Year, Day of Week, and Day
of Year.
• Can use either the RTC dedicated 32 kHz oscillator input or clock derived from the
external crystal/oscillator input at XTAL1. Programmable reference clock divider
allows fine adjustment of the RTC.
• Dedicated power supply pin can be connected to a battery or the main 3.3 V.
6.18 Pulse width modulator
The PWM is based on the standard timer block and inherits all of its features, although
only the PWM function is pinned out on the LPC2157/2158. The timer is designed to count
cycles of the peripheral clock (PCLK) and optionally generate interrupts or perform other
actions when specified timer values occur, based on seven match registers. The PWM
function is also based on match register events.
The ability to separately control rising and falling edge locations allows the PWM to be
used for more applications. For instance, multi-phase motor control typically requires three
non-overlapping PWM outputs with individual control of all three pulse widths and
positions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com