Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC30UT2 Datasheet(PDF) 4 Page - XP Power Limited

Part # CPC30UT2
Description  Triple Output Switchers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPC30UT2 Datasheet(HTML) 4 Page - XP Power Limited

  CPC30UT2 Datasheet HTML 1Page - XP Power Limited CPC30UT2 Datasheet HTML 2Page - XP Power Limited CPC30UT2 Datasheet HTML 3Page - XP Power Limited CPC30UT2 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.xpplc.com
sales@xpplc.com
Loom Kit - 15 Watt Models
Loom Kit - 30 Watt Models
Loom Kit - 60 Watt Models
LOOM KITS
CPC
Pin No.
Wire Gauge
Colour
Input
1
0.5 mm
Brown
L
2-
-
-
3
0.5 mm
Blue
N
4-
-
-
5
0.5 mm
Grn/Yel
E
Pin No.
Wire Gauge
Colour
Output
1 & 2
22 AWG
Red
V 1
3 & 4
22 AWG
Black
G 1
5
22 AWG
Yellow
V 2
6 & 7
22 AWG
Black
G 2
8
22 AWG
Grey
V 3
1
2
3
4
5
6
1
2
3
4
5
6
7
8
1
2
3
4
5
1
2
3
4
5
1
2
3
4
5
1
2
3
4
5
6
7
8
11.81” (300 mm)
Input Connector
Output Connector
11.81” (300 mm)
11.81” (300 mm)
Input Connector
Input Connector
Output Connector
Output Connector
11.81” (300 mm)
11.81” (300mm)
11.81” (300 mm)
Order as CPC 15 Loom KT
Order as CPC 30 Loom KT
Order as CPC 60 Loom KT
Pin No.
Wire Gauge
Colour
Input
1
0.5 mm
Brown
L
2-
-
-
3
0.5 mm
Blue
N
4-
-
-
5
0.5 mm
Grn/Yel
E
Pin No.
Wire Gauge
Colour
Output
1
0.5 mm
Grey
V 3
2 & 3
0.5 mm
Black
G 2
4
0.5 mm
Yellow
V 2
5
0.5 mm
Black
G 1
6
0.5 mm
Red
V 1
Pin No.
Wire Gauge
Colour
Output
1 & 2
0.5 mm
Grey
V 3
2 & 3
0.5 mm
Black
G 2
4
0.5 mm
Yellow
V 2
5 & 6
0.5 mm
Black
G 1
7 & 8
0.5 mm
Red
V 1
Pin No.
Wire Gauge
Colour
Input
1
0.5 mm
Brown
L
2-
-
-
3
0.5 mm
Blue
N
4-
-
-
5
0.5 mm
Grn/Yel
E
Rev 2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com