Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC30UT2 Datasheet(PDF) 2 Page - XP Power Limited

Part # CPC30UT2
Description  Triple Output Switchers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CPC30UT2 Datasheet(HTML) 2 Page - XP Power Limited

  CPC30UT2 Datasheet HTML 1Page - XP Power Limited CPC30UT2 Datasheet HTML 2Page - XP Power Limited CPC30UT2 Datasheet HTML 3Page - XP Power Limited CPC30UT2 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Operating Characteristics
www.xpplc.com
sales@xpplc.com
1. Isolated from 2 & 3.
2. Linear regulated..
3. The specified output currents are available for a maximum duration of 10 s if the average current level is below rating and the total
power is below rating for the unit. Outputs 2 & 3 may be loaded to 80% of their rated current when +5 V is not loaded. ‘FG’
terminal should be used as AC input earth. It is isolated from the DC output.
4. Mating input & output connectors are available. Example: order as CPC30 CON KIT for 30 watt models.
5. Loom kit option: comprising of 2 x 300 mm length cable looms, one terminated with a mating connector for input and the other for
output terminals.
6. Cover option: wrap around chassis & safety cover supplied as a kit or fitted.
Notes
•
OUTPUT VOLTAGE & CURRENT RATINGS
CPC
Output
Output Ratings
Model
Power
Output 1
(1)
Output 2
(2)
Output 3
(2)
Number
15 W
+5 V @ 2.0 A (3.0 A pk)
+12 V @ 0.3 A (0.6 A pk)
-12 V @ 0.2 A (0.30 A pk)
CPC15UT1
15 W
+5 V @ 2.0 A (3.0 A pk)
+15 V @ 0.3 A (0.6 A pk)
-15 V @ 0.2 A (0.30 A pk)
CPC15UT2
30 W
+5 V @ 3.0 A (4.5 A pk)
+12 V @ 1.2 A (2.0 A pk)
-12 V @ 0.3 A (0.45 A pk)
CPC30UT1
30 W
+5 V @ 3.0 A (4.5 A pk)
+15 V @ 1.0 A (2.0 A pk)
-15 V @ 0.3 A (0.45 A pk)
CPC30UT2
60 W
+5 V @ 5.0 A (7.0 A pk)
+12 V @ 2.5 A (3.5 A pk)
-12 V @ 0.5 A (0.70 A pk)
CPC60UT1
60 W
+5 V @ 5.0 A (7.0 A pk)
+15 V @ 2.0 A (3.5 A pk)
-15 V @ 0.5 A (0.70 A pk)
CPC60UT2
PIN ASSIGNMENT
CN1
CN2
I/O Connector
Mating Connector (Terminal)
CN1
B3P5-VH
VHR-5N (SVH-21T-1.1
or SVH-21-P1.1)
CN2
B8B-XH-A
XHP-8 (BXH-001T-P0.6
or SXH-001T-P0.6)
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5FG
Pin No.
Input
1V 1
2V 1
3G 1
4G 1
5V 2
6G 2
7G 2
8V 3
Mfr: JST
NOTES:
2 A per pin maximum for CN2
Weight: 150g or less
Tolerance: +1
Dimensions in mm
PWB Material: Glass composite (CEM3)
Mechanical Details - 15 Watt Models
Fuse Rating 250 V T2 A
Supplied as cover kit (not fitted). Order as CPC15/COVER KIT
Supplied fitted use suffix C e.g. CPC15UT1-C
Covered Version
PCB Version



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com