Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-R35LH Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-R35LH
Description  High Reliability Mixer Level 10 (LO Power 10 dBm) 1800 to 3500 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-R35LH Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-R35LH Datasheet HTML 1Page - Mini-Circuits ADE-R35LH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 dB COMP.: +5 dBm typ.
Phase detection, positive polarity
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Max.
f
L-fU
—
X
σ
Typ. Min.
Typ. Min.
Typ.
1800-3500
DC-1000
6.8
0.50
9.2
25 16
22 12
14
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Level 10 (LO Power +10 dBm) 1800 to 3500 MHz
High Reliability Mixer
Surface Mount
Demo Board MCL P/N: TB-02
Suggested PCB Layout (PL-051)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
4
IF
3
GROUND
1,2,5
Outline Drawing
Electrical Specifications
REV. OR
M109914
ADE-R35LH+
ED-12873/2
WL/TD/QL
070516
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Typical Performance Data
Electrical Schematic
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 6.8 dB typ.
• good isolation, 25 dB typ.
• low profile package
• aqueous washable
• protected by US Patent 6,133,525
Applications
• MMDS
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
ADE-R35LH+
CASE STYLE: CD542
PRICE: $5.35 ea. QTY. (10-49)
1790.00
1820.00
6.91
25.19
22.69
2.57
2.68
1810.00
1840.00
6.84
25.05
22.52
2.37
2.67
1850.00
1880.00
6.63
24.78
22.41
2.27
2.73
1930.00
1960.00
6.40
24.29
22.08
1.74
2.74
2010.00
2040.00
6.24
24.22
21.70
1.45
2.79
2170.00
2200.00
6.30
24.20
21.45
1.58
3.03
2250.00
2280.00
6.26
23.90
21.76
1.47
3.09
2330.00
2360.00
6.45
23.63
22.34
1.37
3.11
2410.00
2440.00
6.53
23.66
23.15
1.35
3.11
2570.00
2600.00
6.95
28.38
23.53
1.32
3.03
2650.00
2680.00
6.64
33.32
23.86
1.62
3.00
2730.00
2760.00
6.51
30.55
25.03
1.68
2.95
2810.00
2840.00
6.45
28.46
26.55
1.70
2.78
2970.00
3000.00
6.47
26.33
28.41
1.68
2.46
3050.00
3080.00
6.57
25.77
29.10
1.66
2.31
3130.00
3160.00
6.56
25.03
29.10
1.56
2.14
3210.00
3240.00
6.59
24.27
28.34
1.51
1.99
3370.00
3400.00
6.51
24.79
27.19
1.72
1.85
3450.00
3480.00
6.47
25.44
27.42
1.84
1.79
3530.00
3560.00
6.55
25.28
27.40
1.94
1.80
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.


Similar Part No. - ADE-R35LH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R30W MINI-ADE-R30W Datasheet
302Kb / 2P
High Reliability Mixer
ADE-R30W+ MINI-ADE-R30W+ Datasheet
233Kb / 2P
High Reliability Mixer
ADE-R30W+ MINI-ADE-R30W+ Datasheet
302Kb / 2P
High Reliability Mixer
ADE-R30WLH MINI-ADE-R30WLH Datasheet
302Kb / 2P
High Reliability Mixer
ADE-R30WLH+ MINI-ADE-R30WLH+ Datasheet
302Kb / 2P
High Reliability Mixer
More results

Similar Description - ADE-R35LH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R3GLH MINI-ADE-R3GLH Datasheet
233Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADE-R20LH MINI-ADE-R20LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R901LH MINI-ADE-R901LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 300 to 1000 MHz
ADEX-R10LH MINI-ADEX-R10LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
TUF-R1LHSM MINI-TUF-R1LHSM Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com