Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADEX-R10LH+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADEX-R10LH+
Description  High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADEX-R10LH+ Datasheet(HTML) 1 Page - Mini-Circuits

  ADEX-R10LH+ Datasheet HTML 1Page - Mini-Circuits ADEX-R10LH+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
10-1000
DC-800
7.0
0.10
7.8†
8.3†
70 55
60 43
47 37
45 32
35 25
26 17
16
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
1 dB COMP.: +5 dBm typ.
†
Conversion loss increases 0.5 when IF is above150 MHz
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Level 10 (LO Power +10 dBm) 10 to 1000 MHz
High Reliability Mixer
Surface Mount
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. OR
M109914
ADEX-R10LH+
ED-12873/5
WL/TD/QL
070516
A
B
C
D
E
F
G
.272
.310
.220
.100
.112
.055
.100
6.91
7.87
5.59
2.54
2.84
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.20
Typical Performance Data
Electrical Schematic
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 7.0 dB typ.
• excellent L-R isolation, 60 dB typ.
• good VSWR, 1:8:1 typ. for LO,
1.5:1 typ. for RF, 1.5:1 typ. for IF
• good performance to 1500 MHz
• low profile package
• aqueous washable
• protected by US Patent 6,133,525 and 6,947,717
Applications
• cellular
• instrumentation
• VHF/UHF receivers
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
ADEX-R10LH+
CASE STYLE: CD542
PRICE: $3.35 ea. QTY. (10-49)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
10.10
40.10
6.40
70.41
63.96
1.40
1.53
70.10
100.10
7.05
71.47
48.53
1.41
1.51
130.10
160.10
7.08
67.22
44.08
1.42
1.52
190.10
220.10
6.89
66.26
42.14
1.42
1.50
250.10
280.10
7.03
65.92
42.34
1.44
1.52
310.10
340.10
6.97
64.97
41.47
1.46
1.55
370.10
400.10
7.00
61.87
40.62
1.49
1.57
430.10
460.10
6.96
60.97
38.57
1.51
1.60
490.10
520.10
7.00
62.56
37.21
1.53
1.65
550.10
580.10
7.16
56.40
35.22
1.56
1.69
610.10
640.10
7.09
52.53
33.19
1.55
1.72
670.10
700.10
6.94
55.81
31.14
1.54
1.74
730.10
760.10
7.16
77.09
30.24
1.58
1.81
790.10
820.10
7.30
57.93
30.30
1.61
1.86
850.10
880.10
7.52
52.89
30.93
1.64
1.89
910.10
940.10
7.81
50.96
30.99
1.65
1.92
970.10
1000.10
7.81
55.37
29.61
1.62
1.94
1030.10
1060.10
7.66
61.99
27.44
1.54
1.96
1090.10
1120.10
7.44
62.69
25.31
1.43
1.99
1150.10
1180.10
7.17
51.89
23.66
1.32
2.06


Similar Part No. - ADEX-R10LH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADEX-R10 MINI-ADEX-R10 Datasheet
299Kb / 2P
High Reliability Mixer
ADEX-R10+ MINI-ADEX-R10+ Datasheet
299Kb / 2P
High Reliability Mixer
More results

Similar Description - ADEX-R10LH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R3GLH MINI-ADE-R3GLH Datasheet
233Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADE-R20LH MINI-ADE-R20LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R35LH MINI-ADE-R35LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1800 to 3500 MHz
ADE-R901LH MINI-ADE-R901LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 300 to 1000 MHz
TUF-R1LHSM MINI-TUF-R1LHSM Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com