Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R2LHSM Datasheet(PDF) 1 Page - Mini-Circuits

Part # TUF-R2LHSM
Description  High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TUF-R2LHSM Datasheet(HTML) 1 Page - Mini-Circuits

  TUF-R2LHSM Datasheet HTML 1Page - Mini-Circuits TUF-R2LHSM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 10 (LO Power +10 dBm) 50 to 1000 MHz
High Reliability Mixer
Surface Mount
CASE STYLE: NNN150
PRICE: $10.85 ea. QTY (1-9)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
4
RF
1
IF
2
GROUND
3
CASE GROUND
3
Outline Drawing
Electrical Specifications
REV. OR
M109914
ED-12915/2
TUF-R2LHSM+
WL/AM
070516
1 dB COMP.: +5 dBm typ.
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
Typical Performance Data
Electrical Schematic
TUF-R2LHSM+
L = 50-100 MHz
M = 100-500 MHz
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.50
.48
.255
.240
.23
.21
.06
12.70 12.19
6.48
6.10
5.84
5.33
1.52
H
J
K
L
M
N
wt
.100
.09
.16
.020
.09
.005 grams
2.54
2.29
4.06
0.51
2.29
0.13
1.9
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
• hermetically sealed ceramic quad
• low conversion loss, 6.2 dB typ.
• excellent isolation L-R, 49 dB typ.; L-I, 44 dB typ.
• wideband, 50 to 1000 MHz
• rugged welded construction
• shielded metal case
• VHF/UHF
• cellular
• ISM/GSM
Applications
Features
Demo Board MCL PIN: TB-201
Suggested PCB Layout (PL-081)
50.10
80.10
6.19
60.26
52.94
1.10
2.28
130.10
160.10
6.11
55.17
47.10
1.03
2.34
210.10
240.10
6.05
52.42
44.40
1.05
2.34
250.10
280.10
6.08
51.75
43.65
1.08
2.25
290.10
320.10
6.02
50.74
42.83
1.11
2.28
330.10
360.10
6.06
49.93
42.12
1.11
2.25
370.10
400.10
6.06
49.17
41.74
1.15
2.23
410.10
440.10
6.09
49.14
40.96
1.14
2.24
450.10
480.10
6.07
48.54
40.07
1.17
2.20
490.10
520.10
6.09
47.02
38.75
1.15
2.22
530.10
560.10
6.18
45.69
37.73
1.16
2.19
610.10
640.10
6.26
44.68
35.90
1.18
2.20
650.10
680.10
6.28
44.91
35.55
1.23
2.18
730.10
760.10
6.41
44.98
34.52
1.26
2.17
770.10
800.10
6.48
44.73
33.37
1.21
2.18
810.10
840.10
6.58
43.60
32.67
1.16
2.18
850.10
880.10
6.70
42.59
31.98
1.13
2.17
930.10
960.10
6.99
41.76
31.53
1.09
2.17
970.10
1000.10
7.14
41.23
31.18
1.17
2.17
1010.10
1040.10
7.16
40.78
31.08
1.21
2.15
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
50-1000
DC-1000
6.2
0.03
7.5
9.0
55 45
49 38
42 35
52 40
44 30
35 24
17


Similar Part No. - TUF-R2LHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R2MHSM MINI-TUF-R2MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 50 to 1000 MHz
TUF-R2MHSM+ MINI-TUF-R2MHSM+ Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 50 to 1000 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
TUF-R2SM+ MINI-TUF-R2SM+ Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
More results

Similar Description - TUF-R2LHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R3GLH MINI-ADE-R3GLH Datasheet
233Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADE-R20LH MINI-ADE-R20LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R35LH MINI-ADE-R35LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1800 to 3500 MHz
ADE-R901LH MINI-ADE-R901LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 300 to 1000 MHz
ADEX-R10LH MINI-ADEX-R10LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
TUF-R1LHSM MINI-TUF-R1LHSM Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com