Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R2MHSM Datasheet(PDF) 1 Page - Mini-Circuits

Part # TUF-R2MHSM
Description  High Reliability Mixer Level 13 (LO Power 13 dBm) 50 to 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TUF-R2MHSM Datasheet(HTML) 1 Page - Mini-Circuits

  TUF-R2MHSM Datasheet HTML 1Page - Mini-Circuits TUF-R2MHSM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 13 (LO Power +13 dBm) 50 to 1000 MHz
High Reliability Mixer
Surface Mount
CASE STYLE: NNN150
PRICE: $11.85 ea. QTY (1-9)
Maximum Ratings
Pin Connections
LO
4
RF
1
IF
2
GROUND
3
CASE GROUND
3
Electrical Specifications
REV. OR
M109914
TUF-R2MHSM+
ED-12914/2
DJ/TD/CP/AM
070516
1 dB COMP.: +9 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP
3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
50-1000 DC-1000 6.0
0.1
7.5
9.0
58 40
50 33
42 30
52 40
42 28
32 21
19
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
LO
+13dBm
Typical Performance Data
Electrical Schematic
TUF-R2MHSM+
L = 50-100 MHz
M = 100-500 MHz
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
• hermetically sealed ceramic quad
• low conversion loss, 6.0 dB typ.
• high isolation L-R, 50 dB typ; L-I isolation, 42 dB typ.
• wideband, 50-1000 MHz
• rugged welded construction
• shielded metal case
• VHF/UHF
• cellular
• ISM/GSM
Applications
Features
50.10
80.10
6.12
59.14
51.59
1.08
2.29
130.10
160.10
6.01
55.25
46.07
1.05
2.36
210.10
240.10
5.92
52.62
43.85
1.12
2.38
250.10
280.10
5.93
52.04
43.21
1.13
2.26
330.10
360.10
5.93
49.85
41.03
1.18
2.30
410.10
440.10
5.97
48.97
39.17
1.21
2.34
450.10
480.10
5.97
47.51
37.58
1.23
2.30
490.10
520.10
6.02
45.84
36.19
1.25
2.35
530.10
560.10
6.09
44.76
34.80
1.28
2.34
570.10
600.10
6.14
44.42
34.15
1.31
2.39
650.10
680.10
6.23
45.44
33.34
1.38
2.38
690.10
720.10
6.28
45.00
32.35
1.36
2.43
730.10
760.10
6.42
45.66
31.27
1.35
2.43
770.10
800.10
6.55
44.65
30.54
1.29
2.48
850.10
880.10
6.72
43.70
29.60
1.30
2.47
890.10
920.10
6.90
42.70
29.01
1.29
2.49
930.10
960.10
6.95
42.15
28.45
1.37
2.47
970.10
1000.10
6.95
41.63
28.03
1.48
2.49
990.10
1020.10
6.94
41.43
27.96
1.51
2.50
1030.10
1060.10
6.98
41.63
28.11
1.65
2.55
Outline Dimensions (
)
inch
mm
Outline Drawing
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.50
.48
.255
.240
.23
.21
.06
12.70 12.19
6.48
6.10
5.84
5.33
1.52
H
J
K
L
M
N
wt
.100
.09
.16
.020
.09
.005 grams
2.54
2.29
4.06
0.51
2.29
0.13
1.9
Demo Board MCL PIN: TB-201
Suggested PCB Layout (PL-081)


Similar Part No. - TUF-R2MHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R2LHSM+ MINI-TUF-R2LHSM+ Datasheet
259Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
TUF-R2SM+ MINI-TUF-R2SM+ Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
More results

Similar Description - TUF-R2MHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYM-25DMHW MINI-SYM-25DMHW Datasheet
291Kb / 2P
Level 13 (LO Power 13 dBm) 40 to 2500 MHz
ADE-R1MHW MINI-ADE-R1MHW Datasheet
227Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
ADE-R12MH MINI-ADE-R12MH Datasheet
238Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 10 to 1200 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
ADEX-R10LH MINI-ADEX-R10LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
TUF-R1MHSM MINI-TUF-R1MHSM Datasheet
264Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
TUF-R3MHSM MINI-TUF-R3MHSM Datasheet
277Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com