Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R3LHSM Datasheet(PDF) 1 Page - Mini-Circuits

Part # TUF-R3LHSM
Description  High Reliability Mixer Level 10 (LO Power 10 dBm) 0.3 to 400 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TUF-R3LHSM Datasheet(HTML) 1 Page - Mini-Circuits

  TUF-R3LHSM Datasheet HTML 1Page - Mini-Circuits TUF-R3LHSM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
0.3-400
DC-400
5.2
0.05
7.0
8.0
62 48
46 30
42 27
62 48
46 30
35 23
15
1 dB COMP.: +5 dBm typ.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 10 (LO Power +10 dBm) 0.3 to 400 MHz
High Reliability Mixer
Surface Mount
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
4
RF
1
IF
2
GROUND
3
CASE GROUND
3
Outline Drawing
Electrical Specifications
REV. OR
M109914
TUF-R3LHSM+
ED-12915/3
WL/TD/QL
070328
Typical Performance Data
Electrical Schematic
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 5.2 dB typ.
• good IP3, 15 dBm typ.
• excellent isolation, 46 dB typ; L-R, L-I
• rugged welded construction
• shielded metal case
Applications
• HF/VHF
• defense & federal communications
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
LO
+10dBm
TUF-R3LHSM+
CASE STYLE: NNN150
PRICE: $11.75 ea. QTY. (1-9)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.50
.48
.255
.240
.23
.21
.06
12.70 12.19
6.48
6.10
5.84
5.33
1.52
H
J
K
L
M
N
wt
.100
.09
.16
.020
.09
.005 grams
2.54
2.29
4.06
0.51
2.29
0.13
1.9
Demo Board MCL PIN: TB-201
Suggested PCB Layout (PL-081)
0.21
30.21
5.19
56.65
55.61
1.39
2.17
0.71
30.71
4.83
56.54
55.59
1.45
2.16
1.21
31.21
4.79
56.55
55.57
1.44
2.16
2.71
32.71
4.74
56.07
55.27
1.26
2.17
5.00
35.00
4.73
55.18
55.13
1.26
2.17
10.50
40.50
4.74
54.89
54.46
1.27
2.16
29.50
59.50
4.78
54.74
54.07
1.27
2.17
48.50
78.50
4.81
54.49
53.83
1.27
2.17
67.50
97.50
4.85
52.02
50.57
1.25
2.17
86.50
116.50
4.83
49.80
48.43
1.23
2.12
105.50
135.50
4.90
48.21
47.38
1.22
2.12
143.50
173.50
5.05
45.49
46.13
1.18
2.14
162.50
192.50
5.25
44.62
44.97
1.17
2.11
181.50
211.50
5.30
43.86
44.28
1.14
2.09
200.50
230.50
5.31
42.46
45.88
1.12
2.15
250.00
280.00
5.45
40.90
42.21
1.13
2.14
270.00
300.00
5.57
41.21
38.82
1.12
2.18
310.00
340.00
5.66
42.44
36.51
1.13
2.27
350.00
380.00
5.73
41.37
34.67
1.24
2.27
400.00
430.00
6.20
39.23
30.01
1.18
2.47


Similar Part No. - TUF-R3LHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R3MHSM MINI-TUF-R3MHSM Datasheet
277Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz
TUF-R3MHSM+ MINI-TUF-R3MHSM+ Datasheet
277Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz
TUF-R3SM MINI-TUF-R3SM Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
TUF-R3SM+ MINI-TUF-R3SM+ Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
More results

Similar Description - TUF-R3LHSM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R3GLH MINI-ADE-R3GLH Datasheet
233Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 2000 to 2700 MHz
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADE-R20LH MINI-ADE-R20LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1500 to 2800 MHz
ADE-R35LH MINI-ADE-R35LH Datasheet
229Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 1800 to 3500 MHz
ADEX-R10LH MINI-ADEX-R10LH Datasheet
225Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
TUF-R3MHSM MINI-TUF-R3MHSM Datasheet
277Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 0.3 to 400 MHz
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com