Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R5SM Datasheet(PDF) 1 Page - Mini-Circuits

Part # TUF-R5SM
Description  High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TUF-R5SM Datasheet(HTML) 1 Page - Mini-Circuits

  TUF-R5SM Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 7 (LO Power +7 dBm) 20 to 1500 MHz
High Reliability Mixer
Surface Mount
CASE STYLE: NNN150
PRICE: $13.10 ea. QTY (1-9)
Maximum Ratings
Pin Connections
LO
4
RF
1
IF
2
GROUND
3
CASE GROUND
3
Electrical Specifications
REV. OR
M109914
TUF-R5SM+
ED-12916/4
DJ/TD/AM
070516
1 dB COMP.: +1 dBm typ.
Typical Performance Data
Electrical Schematic
TUF-R5SM+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
• hermetically sealed ceramic quad
• low conversion loss, 6.5 dB typ.
• high isolation L-R, 48 dB typ.
• wideband, 20 to 1500 MHz
• rugged welded construction
• shielded metal case
• satellite distribution
• cellular
• ISM/GSM
Applications
Features
10.10
40.10
5.87
61.00
45.39
1.82
2.58
50.10
80.10
5.81
57.81
40.02
1.13
2.32
110.10
140.10
5.59
53.70
36.25
1.04
2.44
150.10
180.10
5.68
51.95
34.52
1.07
2.31
210.10
240.10
5.68
50.41
32.61
1.13
2.39
250.10
280.10
5.74
49.16
31.60
1.17
2.31
310.10
340.10
5.78
48.33
30.21
1.24
2.37
350.10
380.10
5.82
47.76
29.49
1.29
2.34
450.10
480.10
5.97
46.00
28.06
1.45
2.36
510.10
540.10
6.12
45.60
27.50
1.58
2.39
610.10
640.10
6.25
44.37
26.83
1.83
2.41
710.10
740.10
6.53
43.52
26.35
2.16
2.45
810.10
840.10
6.82
43.21
26.08
2.57
2.50
910.10
940.10
7.15
42.23
25.62
2.93
2.53
1010.10
1040.10
6.99
41.42
24.53
3.06
2.61
1110.10
1140.10
7.06
41.53
23.09
3.14
2.71
1210.10
1240.10
7.04
42.18
21.68
3.06
2.79
1310.10
1340.10
6.98
43.21
20.26
2.92
2.86
1410.10
1440.10
6.98
44.92
18.56
2.78
2.93
1510.10
1540.10
6.94
45.94
16.81
2.61
2.98
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
20-1500
DC-1200
6.5
0.05
9.0
9.0
55 42
48 35
43 32
40 25
30 18
23 10
12
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Outline Dimensions (
)
inch
mm
Outline Drawing
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.50
.48
.255
.240
.23
.21
.06
12.70 12.19
6.48
6.10
5.84
5.33
1.52
H
J
K
L
M
N
wt
.100
.09
.16
.020
.09
.005 grams
2.54
2.29
4.06
0.51
2.29
0.13
1.9
Demo Board MCL PIN: TB-201
Suggested PCB Layout (PL-081)


Similar Part No. - TUF-R5SM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
TUF-R5LHSM+ MINI-TUF-R5LHSM+ Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
TUF-R5MHSM+ MINI-TUF-R5MHSM+ Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
More results

Similar Description - TUF-R5SM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-5 MINI-ADE-5 Datasheet
256Kb / 2P
Level 7 (LO Power 7 dBm) 5 to 1500 MHz
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
TUF-R3SM MINI-TUF-R3SM Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
TUF-R5LHSM MINI-TUF-R5LHSM Datasheet
262Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 20 to 1500 MHz
TUF-R5MHSM MINI-TUF-R5MHSM Datasheet
266Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 20 to 1500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com