Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-LP Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # EB-LP
Description  4-20mA Current Loop Application Board for DMS-30LCD Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EB-LP Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  EB-LP Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. EB-LP Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
E-mail: sales@datel.com
Data sheet fax back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
®®
ISO 9001
ISO 9001
REGISTERED
Examples
As shipped, the DMS-EB-LP is factory calibrated to read "000" for a
4mA input and "1999" for a 20mA input but may require recalibra-
tion when connected to a DMS-30LCD-1-5 digital voltmeter.
The following worst-case procedure assumes the DMS-EB-LP is
completely mis-adjusted, i.e., both potentiometers and the DIP
switches are randomly set.
1. Set R7 (full scale gain adjust) and R3 (zero/offset adjust) fully
clockwise, roughly 22 turns, and place SW1-SW8 to OFF
(down position).
2. Set SW1 to ON (up position). See DIP switch setting #3 in
Table 1.
3. Apply a precision 4mA input, with proper polarity, and adjust R3
until the meter's display reads "000".
4. Apply a precision 20mA input and adjust R7 until the meter's
display reads "1999". Repeat steps 3 and 4 to make sure the
adjustments do not affect one another.
5. Select the appropriate decimal point by setting SW5, SW6 or
SW7 to ON (DP1, DP2 or DP3 respectively).
NOTE: If a display reading other than "000" to "1999" is desired,
refer to Table 1 for SW1-SW4 settings.
1. Desired display readings are:
4mA ="0.00"
20mA = "2.00"
Use DIP-switch setting #1 and enable decimal point DP2 via
SW6. Apply 4mA and adjust R3 so the display reads "0.00".
Apply 20mA and adjust R7 so the display reads "2.00".
2. Desired display readings are:
4mA =" –100"
12mA = "000"
20mA = "100"
Use DIP-switch setting #4. Apply 12mA and adjust R3 so the
display reads "000". Apply 20mA and adjust R7 so the display
reads "100". Apply 4mA and the display should read "–100". For
these display readings, no decimal points are used. Set SW5,
SW6 and SW7 to OFF (down position).
3. Desired display readings are:
4mA = "-157.5"
12mA = "00.0"
20mA = "157.5"
Use DIP-switch setting #7 and enable decimal point DP3 via
SW7. Apply 12mA and adjust R3 so the display reads "000".
Apply 20mA and adjust R7 so the display reads "157.5".
Apply 4mA and the display should read "–157.5".
4. Desired display readings are:
4mA = ".000"
12mA = ".250"
This example is not as straightforward as the previous three.
Notice that 12mA is exactly halfway between 4mA and 20mA.
If we assume that the input
could go up to 20mA, the display
reading would then be: 2 x .250 or ".500". From the chart, we can
now select DIP-switch setting #2 and enable DP1 via SW5. Apply
4mA and adjust R3 so the display reads ".000". Apply 12mA and
adjust R7 so the display reads ".250".
Operating and Setup Instructions
Table 1. DIP-Switch Settings
NOTE: When looking up DIP-switch settings in the Table and the
desired display readings happen to fall between two switch
settings, try performing the adjustments with both settings to
determine which one offers the better settability. Please keep in
mind that the DMS-30LCD meter has an accuracy specification
of ±2 counts (max.). Thus, it may not always be possible to
obtain the exact desired display reading.
Display Reading
SW1
SW2
SW3
SW4
1. 000 to 100-300
On
On
On
Off
2. 000 to 400-600
Off
On
Off
Off
3. 000 to 700-1999
On
Off
Off
Off
4. ±100
On
On
On
Off
5. ±200 to ±300
On
On
Off
Off
6. ±400 to ±600
On
Off
Off
Off
7. ±700 to ±1900
Off
Off
Off
On
DMS-EB-LP
4-20mA
CURRENT
LOOP
APPLICA TION
BO ARD
DS-0304A 1/98



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com