Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-LP Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # EB-LP
Description  4-20mA Current Loop Application Board for DMS-30LCD Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EB-LP Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  EB-LP Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. EB-LP Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email:sales@datel.com • Internet: www.datel.com
4-20mA Current Loop
Application Board for
DMS-30LCD Meters
DMS-EB-LP
Features
••••• Loop-powered, no external
supply required
••••• Includes gain (span) and offset (zero)
adjustments
••••• Range and decimal point settings are
DIP-switch selectable
••••• Covers hundreds of different ranges
••••• Reliable screw-terminal connections
••••• Low cost
Ordering Information
DMS-EB-LP
Current loop board
DMS-BZL1
Bezel assembly
DMS-BZL2
Bezel assembly with
sealing gasket
Full Scale Input
4mA to 20mA
Voltage Drop
7.5V, maximum
Input Resistance
550
Ω, nominal
Accuracy
±0.05%FS ±1 count
Operating Temperature Range
0 to +60°C
Temperature Drift
±100ppm/°C, typical
Storage Temperature Range
–20 to +75°C
Humidity
0 to 95%, non-condensing
Dimensions
2.02" (51.31mm)L x 0.83" (21.08mm)W
TB1 Wire Size and Strip Length:
18 to 26 AWG (solid or stranded)
Strip Length
0.20" (5.08mm)
Functional Specifications
(TA = +25°C)
Figure 1. DMS-EB-LP Schematic Diagram
Actual Size
Description: The DMS-EB-LP was specifically designed for 4-to-20mA current-loop
process-monitoring applications. The board simply mounts onto the rear of a DMS-
30LCD-1-5, allowing both the application board and the meter to be powered solely from
the 4-to-20mA loop input. Align pin 1 of the board with pin 1 of the DMS-30LCD-1-5 and
simply solder the two assemblies together.
Features: Gain (span) and offset (zero) adjustments are both performed using precision,
22-turn potentiometers. Decimal point selections and range changes are all made on an
eight-position DIP switch featuring gold-plated contacts — there are no cumbersome
jumpers or solder gaps to contend with! Connections to the loop are made via a reliable,
screw-type terminal block. The only assembly tool required is a screwdriver!
Applications: The DMS-EB-LP's design accommodates hundreds of different display
reading combinations. This essentially
eliminates the need to order "specials" in
applications in which several different-
range meters are required. OEM
customers should consider using
DATEL's new DMS-30LCD-4/20S which
already has the DMS-EB-LP soldered to
a rugged DMS-30LCD-1-5 digital
voltmeter.
Technical Notes
DP3
DP2
DP1
(–) INPUT LO
(+) INPUT HI
ANALOG
COMMON
REF. IN
+5V
SUPPLY
V–
GND
V+
CAP–
CAP+
R1
90.9
R4
2.21k
R7
2k
Gain Adjust
C3
2.2µF, 10V
D2
RLZ5231
C1
2.2µF
10V
2
1
4
5
3
8
U1
LOOP
RETURN
LOOP
INPUT
–
+
4-20mA
R5
698
R2
2.94k
TB1
2
1
R6
90.9
RJ4
0
R9
10.5
5
6
7
8
1
2
3
4
R12
5k
D1
LM4041
R10
10k
C2
2.2µF
10V
ON
R8
26.7
R3
5k
Zero Adjust
BOOST
12
11
8
7
10
9
3
4
5
6
2
1
5V
RETURN
SW1
®®
12
TB1
R3
Zero
Adjust
R7
Gain
Adjust
C2
SG10
+–
TB2
2
1
U1
C1
C3
D2
SW1
D1
R10
R6
R9
R8
R1
SG9
RJ4
5
6
7
8
1
2
34
ON
R12
www.datel.com


Similar Part No. - EB-LP

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EB-10RTD-D REDLION-EB-10RTD-D Datasheet
1Mb / 4P
Ethernet I/O Modules
logo
List of Unclassifed Man...
EB-120 ETC-EB-120 Datasheet
392Kb / 13P
20W Class D Single Channel Audio Amplifier
logo
Festo Corporation.
EB-145-100 FESTO-EB-145-100 Datasheet
90Kb / 1P
Bellow cylinder
EB-145-60 FESTO-EB-145-60 Datasheet
108Kb / 1P
Bellow cylinder
EB-165-125 FESTO-EB-165-125 Datasheet
103Kb / 1P
Bellow cylinder
More results

Similar Description - EB-LP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
4-20mA CURRENT LOOP TRANSMITTERS
logo
List of Unclassifed Man...
DMS-EB-RMS ETC-DMS-EB-RMS Datasheet
153Kb / 1P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
4-20mA Current-Loop Transmitter
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
Evaluation Board for Loop Powered 4-20mA DAC
REV. A
logo
Murata Manufacturing Co...
DMS-EB MURATA-DMS-EB Datasheet
282Kb / 4P
Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
DMS-EB2 MURATA-DMS-EB2 Datasheet
283Kb / 4P
Multi-Purpose Application Board for DMS-20PC/LCD Meters
EB-RMS MURATA-EB-RMS Datasheet
149Kb / 2P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
4-20mA CURRENT LOOP TRANSMITTERS
XTR117 TI1-XTR117_12 Datasheet
669Kb / 17P
4-20mA Current-Loop Transmitter
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
4-20mA Current Loop Isolator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com