Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-RMS Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # EB-RMS
Description  AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EB-RMS Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  EB-RMS Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. EB-RMS Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
Figure 1. DMS-EB-RMS Schematic Diagram
PRODUCT OVERVIEW
Description: The DMS-EB-RMS board allows the true rms value of ac signals to be displayed on
5V-powered DMS-30PC/LCD digital voltmeters. The meter/board combination has an input range of
0-750Vac with ±2V meters (1Vac resolution) or 0-199.9Vac with ±200mV meters (0.1Vac resolution).
A built-in screw-terminal block reliably interfaces signal and power connections. The DMS-EB-RMS
now accommodates user-installed modifications such as input-scaling resistors and isolated +5V dc/dc
converters.
Power and Safety Precautions: The DMS-EB-RMS’s AC HI and AC LOW inputs are not electri-
cally isolated from its 5V supply (AC LOW is connected directly to 5V RETURN). When measuring any
input signal which is derived from ac power mains, a dedicated (i.e., it only powers the DMS-EB-RMS),
transformer-isolated +5V supply, with a minimum 1kV breakdown rating, must be used to power the
DMS-EB-RMS board/meter combination. When measuring ac power mains inputs, never connect the
DMS-EB-RMS’s 5V RETURN to chassis/earth ground anywhere in the system. Failing to follow these
instructions could defeat any safety grounding and will place the system +5V power supply, and all its
associated circuitry, at dangerously elevated ac-line potentials. In many applications, the MS-EB-RMS
installation is required to meet electrical code requirements. To ensure safe operation, the DMS-EB-
RMS board should only be installed and serviced by technically qualified personnel. See DMS
Application Note 11 for more details.
FEATURES
Displays true rms values of ac inputs
±0.5% accuracy for DMS-30PC-0 or DMS-
30LCD-0-5
±2% accuracy for DMS-30PC-1 or DMS-
30LCD-1-5
Also works with DMS-40PC/LCD meters (see Ap
Note 11)
(–) INPUT LO
(+) INPUT HI
REF. OUT
REF. IN
1
56
3
+5V
5V Return
TB1
CAV
OUT
+VS
COM
–VS
CF
VIN
CC
VOUT
LV
OSC
V+
CAP–
GND
CAP+
BOOST
SG1
SG2
SG3
5V RETURN
DP3
DP2
DP1
+5V SUPPLY
C5
2.2μF
+
+
R1
988k
R2
988k
R3
1.98k
+
C2
10μF
C1 100μF
+
1
2
3
4
5
6
7
8
5
6
7
8
1
2
3
4
U1
U2
AC HI
3
4
5
6
1
2
SG4
J1
12
11
8
7
10
9
JP1
J6
GND 2
1
3
U3
PS1
1
2
3
4
C4
2.2μF
J4
J5
AC LOW
Note: Components are user-supplied
and not part of the standard product.
DC/DC
–V
+V
+VIN
–VOUT
VIN
VOUT
DMS-EB-RMS
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MPM_DMS-EB-RMS.B01 Page 1 of 2


Similar Part No. - EB-RMS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
EB-RACK HAMMOND-EB-RACK Datasheet
59Kb / 2P
Refroidisseurs deau
logo
Gennum Corporation
EB-RD35 GENNUM-EB-RD35 Datasheet
220Kb / 9P
GENLINX-TM II EB-RD35 Evaluation Board
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
Industrial IP67 Waterproof Connectors
EB-RJF-BLKHD-1 REDLION-EB-RJF-BLKHD-1 Datasheet
325Kb / 2P
Industrial IP67 Waterproof Connectors
EB-RJF-CAP-1 REDLION-EB-RJF-CAP-1 Datasheet
325Kb / 2P
Industrial IP67 Waterproof Connectors
More results

Similar Description - EB-RMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-EB-RMS ETC-DMS-EB-RMS Datasheet
153Kb / 1P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
logo
Murata Power Solutions ...
DMS-BZL1-C MURATA-PS-DMS-BZL1-C Datasheet
124Kb / 2P
Panel Mount Bezels for DMS Meters
logo
Murata Manufacturing Co...
DMS-EB MURATA-DMS-EB Datasheet
282Kb / 4P
Multi-Purpose Application Board for DMS-30 & DMS-40 Series Meters
DMS-EB2 MURATA-DMS-EB2 Datasheet
283Kb / 4P
Multi-Purpose Application Board for DMS-20PC/LCD Meters
EB-ACDC MURATA-EB-ACDC Datasheet
169Kb / 4P
100-264Vac Power Supply Accessory Board for DMS-30PC/LCD Panel Meters
EB-DCDC MURATA-EB-DCDC Datasheet
136Kb / 2P
DC/DC Converter and Isolation Board for DMS-30PC/LCD Meters
EB-HTB MURATA-EB-HTB Datasheet
62Kb / 1P
High-Accuracy Temperature Sensor Boards DMS-30PC/LCD-0 Meters
EB-LP MURATA-EB-LP Datasheet
95Kb / 2P
4-20mA Current Loop Application Board for DMS-30LCD Meters
EB-TCJ MURATA-EB-TCJ Datasheet
103Kb / 1P
Thermocouple Input Application Boards for DMS-30PC/LCD Meters
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
AC-DC converter for electric meters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com